Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 85 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments LP87702 Datasheet HTML 85Page - Texas Instruments LP87702 Datasheet HTML 86Page - Texas Instruments LP87702 Datasheet HTML 87Page - Texas Instruments LP87702 Datasheet HTML 88Page - Texas Instruments LP87702 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
IOUT = 0 A → 3 A → 0 A
TR = TF = 1 µs
VOUT = 1 V
Figure 8-19. Buck Transient Load Step Response,
Auto Mode
VOUT = 1.2 V
Figure 8-20. Buck Transient Load Step Response,
Auto Mode
Output Current (A)
0.001
0.01
0.1
1
40
50
60
70
80
90
100
D006
Vout=5.0V, Vin=3.3V
.
Figure 8-21. Boost Efficiency
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
D007
Vout=5.0V, Vin=3.3V
.
Figure 8-22. Boost Output Voltage vs Load Current
Input Voltage (V)
2.8
3
3.2
3.4
3.6
3.8
4
4.97
4.98
4.99
5
5.01
5.02
5.03
5.04
D008
Vout=5.0V, ILoad=0.1A
IOUT = 0.1 A
Figure 8-23. Boost Output Voltage vs Input Voltage
IOUT = 0 A
Figure 8-24. Boost Start-up With EN1, Forced-PWM
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com