Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments LP87702 Datasheet HTML 15Page - Texas Instruments LP87702 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
6.6 I2C Serial Bus Timing Parameters
See (1).
MIN
MAX
UNIT
fSCL
Serial clock frequency
Standard mode
100
kHz
Fast mode
400
Fast mode +
1
MHz
High-speed mode, Cb = 100 pF
3.4
High-speed mode, Cb = 400 pF
1.7
tLOW
SCL low time
Standard mode
4.7
µs
Fast mode
1.3
Fast mode +
0.5
High-speed mode, Cb = 100 pF
160
ns
High-speed mode, Cb = 400 pF
320
tHIGH
SCL high time
Standard mode
4
µs
Fast mode
0.6
Fast mode +
0.26
High-speed mode, Cb = 100 pF
60
ns
High-speed mode, Cb = 400 pF
120
tSU;DAT
Data setup time
Standard mode
250
ns
Fast mode
100
Fast mode +
50
High-speed mode
10
tHD;DAT
Data hold time
Standard mode
0.01
3.45
µs
Fast mode
0.01
0.9
Fast mode +
0.01
High-speed mode, Cb = 100 pF
10
70
ns
High-speed mode, Cb = 400 pF
10
150
tSU;STA
Setup time for a start or a
repeated start condition
Standard mode
4.7
µs
Fast mode
0.6
Fast mode +
0.26
High-speed mode
160
ns
tHD;STA
Hold time for a start or a
repeated start condition
Standard mode
4
µs
Fast mode
0.6
Fast mode +
0.26
High-speed mode
160
ns
tBUF
Bus free time between a stop
and start condition
Standard Mode
4.7
µs
Fast Mode
1.3
Fast mode +
0.5
tSU;STO
Setup time for a stop condition
Standard Mode
4
µs
Fast Mode
0.6
Fast mode +
0.26
High-speed mode
160
ns
trDA
Rise time of SDA signal
Standard mode
1000
ns
Fast mode
20+0.1 Cb
300
Fast mode +
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
20
160
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com