Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 80 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
8.2.2.1.3 Buck Output Capacitor Selection
Section 8.2 shows the output capacitor COUT0 and COUT1. A ceramic local output capacitor of 22 μF is
required for both outputs. Use ceramic capacitors, X7R or X7T types; do not use Y5V or F. DC bias voltage
characteristics of ceramic capacitors must be considered. The output filter capacitor smooths out the current flow
from the inductor to the load, whic helps maintain a steady output voltage during transient load changes and
reduces output voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low
ESR and ESL to perform these functions. Minimum effective output capacitance for good performance is 15 μF
for each buck, including the DC voltage roll-off, tolerances, aging, and temperature effects.
The output voltage ripple is caused by charging and discharging the output capacitor, and is also due to its RESR.
Table 8-5 shows how the RESR is frequency dependent (as well as temperature dependent); make sure the value
used for selection process is at the part's switching frequency.
POL capacitors can be used to improve load transient performance and to decrease the ripple voltage. A higher
output capacitance improves the load step behavior, reduces the output voltage ripple, and decreases the PFM
switching frequency. Note: the output capacitor may be the limiting factor in the output voltage ramp, especially
for very large (100-μF range) output capacitors. The output voltage might be slower than the programmed
ramp rate at voltage transitions for large output capacitors, because of the higher energy stored on the output
capacitance. Also, the time required to charge the output capacitor to target value might be longer at start-up.
The output voltage is discharged to 0.6 V level using forced-PWM operation at shutdown. This can increase the
input voltage if the load current is small and the output capacitor is large compared to the input capacitor. The
output capacitor is discharged by the internal discharge resistor when below the 0.6 V level, and more time is
required to settle VOUT down with a large capacitor because of the increased time constant.
Table 8-5. Recommended Buck Output Capacitors (X7R or X7T Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS LxWxH
(mm)
VOLTAGE RATING
Murata
GRM21BD71A226ME44
22 µF (10%)
0805
2 × 1.25 × 1.25
10 V
TDK
C2012X7S1A226M125AC
22 µF (20%)
0805
2 × 1.25 × 1.25
10 V
8.2.2.1.4 Boost Input Capacitor Selection
A ceramic input capacitor of 10 μF is sufficient for most applications. Place the input capacitor close to the
SW_BST pin of the device. Use X7R types, do not use Y5V or F. See Table 8-6.
Table 8-6. Recommended Boost Input Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L×W×H
(mm)
VOLTAGE RATING
Murata
GRM21BR71A06KA73
10 µF (10%)
0805
2.0 × 1.25 × 1.25
10 V
8.2.2.1.5 Boost Output Capacitor Selection
Use ceramic capacitors, X7R or X7T types; do not use Y5V or F. Place the output capacitor as close as possible
to the device's VOUT_BST pin and PGND_BST pin. DC bias voltage characteristics of ceramic capacitors must
be considered. DC bias characteristics vary from manufacturer to manufacturer, and DC bias curves should
be requested from them as part of the capacitor selection process. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR and ESL to support load transients. See Table 8-7.
Table 8-7. Recommended Boost Output Capacitors (X7R or X7T Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L×W×H (mm)
VOLTAGE RATING
Murata
GRM21BD71A226ME44
22 µF (10%)
0805
2 × 1.25 × 1.25
10 V
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
80
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com