Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 76 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 72Page - Texas Instruments LP87702 Datasheet HTML 73Page - Texas Instruments LP87702 Datasheet HTML 74Page - Texas Instruments LP87702 Datasheet HTML 75Page - Texas Instruments LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
Table 7-60. FREQ_SEL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
BUCK_FREQ_SEL
R
0h
Buck0 and Buck1 switching frequency:
0x0 – 2 MHz
0x1 – 3 MHz
0x2 – 4 MHz
0x3 – 4 MHz
(Default from OTP memory)
7.6.1.1.51 BOOST_ILIM_CTRL Register (Offset = 32h) [reset = 0h]
BOOST_ILIM_CTRL is shown in Figure 7-69 and described in Table 7-61.
Return to Table 7-9.
Figure 7-69. BOOST_ILIM_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
BOOST_ILIM
R/W-0h
R/W-0h
Table 7-61. BOOST_ILIM_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R/W
0h
1-0
BOOST_ILIM
R/W
0h
Sets the current limit of Boost.
00 – 1.0 A
01 – 1.4 A
10 – 1.9 A
11 – 2.8 A
(Default from OTP memory)
7.6.1.1.52 ECC_STATUS Register (Offset = 33h) [reset = 0h]
ECC_STATUS is shown in Figure 7-70 and described in Table 7-62.
Return to Table 7-9.
Figure 7-70. ECC_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
DED
SED
R-0h
R-0h
R-0h
Table 7-62. ECC_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R
0h
1
DED
R
0h
OTP error correction status: 0 – No dual errors detected 1 – Dual
errors detected and not corrected
0
SED
R
0h
OTP error correction status: 0 – No single errors detected 1 – Single
errors detected and corrected
7.6.1.1.53 WD_DIS_CTRL_CODE Register (Offset = 34h) [reset = 0h]
WD_DIS_CTRL_CODE is shown in Figure 7-71 and described in Table 7-63.
Return to Table 7-9.
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
76
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com