Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments LP87702 Datasheet HTML 15Page - Texas Instruments LP87702 Datasheet HTML 16Page - Texas Instruments LP87702 Datasheet HTML 17Page - Texas Instruments LP87702 Datasheet HTML 18Page - Texas Instruments LP87702 Datasheet HTML 19Page - Texas Instruments LP87702 Datasheet HTML 20Page - Texas Instruments LP87702 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
Some of the key parameters that can be programmed through the registers (with default values set by OTP bits):
• Output voltage
• Forced PWM operation
• Switch current limit
• Output voltage slew rate
• Enable and disable delays with ENx pin control
There are two modes of operation for the buck converters, depending on the output current required: pulse width
modulation (PWM) and pulse-frequency modulation (PFM). The converter operates in PWM mode at high load
currents of approximately 520 mA or higher. Lighter output current loads will cause the converter to automatically
switch into PFM mode for reduced current consumption when forced PWM mode is disabled. The forced PWM
mode can be selected to maintain fixed switching frequency at all load currents. When buck is disabled, buck
output is isolated from the input voltage rail. Output has an optional pulldown resistor.
Figure 7-1 shows a block diagram of a single buck converter.
FB
+
-
+
-
POWER
GOOD
LOOP
COMP
RAMP
GENERATOR
HS FET
CURRENT
SENSE
LS FET
CURRENT
SENSE
GATE
CONTROL
IADC
VDAC
ERROR
AMP
GND
NEG
CURRENT
LIMIT
ZERO
CROSS
DETECT
SW
POS
CURRENT
LIMIT
VIN
VOUT
CONTROL
BLOCK
PROGRAMMABLE
PARAMETERS
VOLTAGE
SETTING
SLEW RATE
CONTROL
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Detailed Block Diagram Showing One Buck Converter
7.3.1.2 Transition Between PWM and PFM Modes
The LP87702 buck converter operates in PWM mode at load current of about 520 mA or higher. The device
automatically switches into PFM mode for reduced current consumption when forced PWM mode is disabled
(AUTO mode operation) at lighter load current levels. A high efficiency is achieved over a wide output-load
current range by combining the PFM and the PWM modes.
7.3.1.3 Buck Converter Load Current Measurement
Buck load current can be monitored through the I2C registers. The monitored buck converter is selected
with the LOAD_CURRENT_BUCK_SELECT bit in the SEL_I_LOAD register. A write to this selection register
starts a current measurement sequence. The converter is forced to PWM mode during the measurement. The
measurement sequence is 50 µs long at maximum. LP87702 can be configured to give out an I_MEAS_INT
interrupt in the INT_TOP_1 register after the load current measurement sequence is finished. Load current
measurement interrupt can be masked with I_MEAS_MASK bit in TOP_MASK_1 register. The measurement
result can be read from I_LOAD_1 and I_LOAD_2 registers. The buck converter load current measurement
result is 9-bit wide, with 8 LSB bits stored in I_LOAD_1 register and 1 MSB bit stored in I_LOAD_2 register. The
single bit resolution is 20 mA, with a maximum load current value of 10.22 A.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com