Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 4 Page - Texas Instruments

  LP87702 Datasheet HTML 1Page - Texas Instruments LP87702 Datasheet HTML 2Page - Texas Instruments LP87702 Datasheet HTML 3Page - Texas Instruments LP87702 Datasheet HTML 4Page - Texas Instruments LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NUMBER
VMON2
31
A/I
Voltage monitoring input 2.
VIN_B0
27, 28
P/I
Input for Buck0. The separate power pins VIN_Bx are not connected together internally – VIN_Bx
pins must be connected together in the application and be locally bypassed.
VIN_B1
13, 14
P/I
Input for Buck1. The separate power pins VIN_Bx are not connected together internally – VIN_Bx
pins must be connected together in the application and be locally bypassed.
VOUT_BST
8
P/O
Boost output.
WD_RESET
6
D/O
Reset output from window watchdog
WDI
7
D/I
Digital input signal for window watchdog
Thermal pad
N/A
G
A: Analog Pin, D: Digital Pin, G: Ground Pin, P: Power Pin, I: Input Pin, O: Output Pin
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com