Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 25Page - Texas Instruments LP87702 Datasheet HTML 26Page - Texas Instruments LP87702 Datasheet HTML 27Page - Texas Instruments LP87702 Datasheet HTML 28Page - Texas Instruments LP87702 Datasheet HTML 29Page - Texas Instruments LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
enabled monitorings. Section 7.3.10.3describes how the enabled monitoring signals are combined to generate
power-good (PG0 and PG1) and interrupts. Monitoring comparators have a dedicated reference and bias block,
which is independent of the main reference and bias block.
Nominal level for the output voltage of BUCKx converter is set with BUCKx_VSET in the BUCKx_VOUT
register. Overvoltage and undervoltage detection levels, with respect to nominal level, are selected with
BUCKx_WINDOW as ± 30 mV, ± 50 mV, ± 70 mV or ± 90 mV. Nominal level for the output voltage of the
BOOST converter is set with BOOST_VSET in the BOOST_CTRL register. Available levels are 4.9 V, 5 V,
5.1 V, and 5.2 V. Overvoltage and undervoltage detection levels, with respect to nominal level, are selected
with BOOST_WINDOW as ± 2%, ± 4%, ± 6% or ± 8%. Converter monitoring window selection bits are in the
PGOOD_LEVEL_3 register.
Input voltage of LP87702 is monitored at the VANA pin. Nominal level can be selected as 3.3 V or 5 V with the
VANA_THRESHOLD bit. Overvoltage and undervoltage detection levels are selected with VANA_WINDOW as
(nominal). VANA_THRESHOLD and VANA_WINDOW are set in the PGOOD_LEVEL_2 register.
VMON1 and VMON2 inputs can be used for monitoring external rails in the system. VMONx settings are
defined in the PGOOD_LEVEL_1 and PGOOD_LEVEL_2 registers. Nominal value for the input level of VMONx
is selected with VMONx_THRESHOLD, between 0.65 V to 1.8 V. Higher voltage levels or levels not directly
supported can be monitored using an external resistor divider. In this case VMONx_THRESHOLD must be set
as 0.65 V to have a high-impedance input, and the resistor divider must scale the monitored level down to 0.65 V
at the VMONx pin. Overvoltage and undervoltage detection levels are selected with VMONx_WINDOW as ± 2%,
± 3%, ± 4% or ± 6%.
See Section 6 for more details on the accuracy of the monitoring windows and deglitch filtering.
7.3.10.2 Interrupts
The LP87702 sets the flag bits indicating what protection or warning conditions have occurred, and the nINT pin
is pulled low. The nINT output pin is driven high after all the flag bits and pending interrupts are cleared.
Fault detection is indicated by the RESET_REG_INT interrupt flag bit set in the INT_TOP_2 register after the
start-up event.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com