Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 87 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments LP87702 Datasheet HTML 85Page - Texas Instruments LP87702 Datasheet HTML 86Page - Texas Instruments LP87702 Datasheet HTML 87Page - Texas Instruments LP87702 Datasheet HTML 88Page - Texas Instruments LP87702 Datasheet HTML 89Page - Texas Instruments LP87702 Datasheet HTML 90Page - Texas Instruments LP87702 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.8 V and 5.5 V. This input
supply must be well regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition. The resistance of the input supply rail must be low enough that
the input current transient does not cause too high of a drop in the LP87702 supply voltage that can cause false
UVLO fault triggering. If the input supply is located more than a few inches from the LP87702, additional bulk
capacitance may be required in addition to the ceramic bypass capacitors.
10 Layout
10.1 Layout Guidelines
The high frequency and large switching currents of the LP87702 make the choice of layout important. Good
power supply results only occur when care is given to proper design and layout. Layout affects noise pickup
and generation and can cause a good design to perform with less-than-expected results. With a range of output
currents from milliamps to several amps, good power supply layout is much more difficult than most general PCB
design. Use the following steps as a reference to ensure the device is stable and maintains proper voltage and
current regulation across its intended operating voltage and current range.
1. Place CIN as close as possible to the VIN_Bx pin and the PGND_Bx pin. Route the VIN trace wide and thick
to avoid IR drops. The trace between the input capacitor's positive node and one or more of the device
VIN_Bx pins, as well as the trace between the negative node of the input capacitor and one or more of the
power PGND_Bx pins must be kept as short as possible. The input capacitance provides a low-impedance
voltage source for the switching converter. The inductance of the connection is the most important parameter
of a local decoupling capacitor – parasitic inductance on these traces must be kept as tiny as possible for
proper device operation.
2. The output filter, consisting of L and COUT, converts the switching signal at SW_Bx to the noiseless output
voltage. It should be placed as close as possible to the device keeping the switch node small, for best EMI
behavior. Route the traces between the LP87702 devices output capacitors and the load's input capacitors
direct and wide to avoid losses due to the IR drop.
3. Input for analog blocks (VANA and AGND) should be isolated from noisy signals. Connect VANA directly to a
quiet system voltage node and AGND to a quiet ground point where no IR drop occurs. Place the decoupling
capacitor as close as possible to the VANA pin.
4. If remote voltage sensing can be used for the load, connect the device feedback pins FB_Bx to the
respective sense pins on the load capacitor. The sense lines are susceptible to noise. They must be kept
away from noisy signals such as PGND_Bx, VIN_Bx, and SW_Bx, as well as high bandwidth signals such as
the I2C. Avoid capacitive and inductive coupling by keeping the sense lines short and direct. Run the lines in
a quiet layer. Isolate them from noisy signals by a voltage or ground plane (if possible).
5. PGND_Bx, VIN_Bx and SW_Bx should be routed on thick layers. They must not surround inner signal layers
which are not able to withstand interference from noisy PGND_Bx, VIN_Bx and SW_Bx.
Due to the small package of this converter and the overall small solution size, the thermal performance of the
PCB layout is important. Many system-dependent issues such as thermal coupling, airflow, added heat sinks,
convection surfaces, and the presence of other heat-generating components affect the power dissipation limits
of a given component. Proper PCB layout, focusing on thermal performance, results in lower die temperatures.
Wide power traces come with the ability to sink dissipated heat. This can be improved further on multi-layer
PCB designs with vias to different planes. This results in reduced junction-to-ambient (RθJA) and junction-to-
board (RθJB) thermal resistances, which reduces the device junction temperature (TJ). TI strongly recommends
performing a careful system-level 2D or full 3D dynamic thermal analysis at the beginning product design
process, by using a thermal modeling analysis software.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com