Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 17Page - Texas Instruments LP87702 Datasheet HTML 18Page - Texas Instruments LP87702 Datasheet HTML 19Page - Texas Instruments LP87702 Datasheet HTML 20Page - Texas Instruments LP87702 Datasheet HTML 21Page - Texas Instruments LP87702 Datasheet HTML 22Page - Texas Instruments LP87702 Datasheet HTML 23Page - Texas Instruments LP87702 Datasheet HTML 24Page - Texas Instruments LP87702 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
Table 7-3. Converter Control
BUCKx_EN /
BOOST_EN
BUCKx_EN_PIN_C
TRL /
BOOST_EN_PIN_C
TRL
EN1 PIN
EN2 PIN
EN3 PIN
BUCKx OUTPUT VOLTAGE /
BOOST OUTPUT VOLTAGE
Enable or disable
control with BUCKx_EN/
BOOST_EN bit
0
Don't Care
Don't Care
Don't Care
Don't Care
Disabled
1
00
Don't Care
Don't Care
Don't Care
BUCKx_VSET[7:0] / BOOST_VSET[1:0]
Enable or disable control
with EN1 pin
1
01
Low
Don't Care
Don't Care
Disabled
1
01
High
Don't Care
Don't Care
BUCKx_VSET[7:0] / BOOST_VSET[1:0]
Enable/disable control
with EN2 pin
1
10
Don't Care
Low
Don't Care
Disabled
1
10
Don't Care
High
Don't Care
BUCKx_VSET[7:0] / BOOST_VSET[1:0]
Enable or disable control
with EN3 pin
1
11
Don't Care
Don't Care
Low
Disabled
1
11
Don't Care
Don't Care
High
BUCKx_VSET[7:0] / BOOST_VSET[1:0]
Figure 7-4 shows how the BUCKx converter is enabled by an ENx pin or by I2C write access. The soft-start
circuit limits the in-rush current during start-up. The output voltage increase rate is typically 30 mV/μsec during
soft start. The output voltage becomes slew-rate controlled when the output voltage rises to 0.35-V level. If
there is a short circuit at the output and the output voltage does not increase above a 0.35-V level in 1 ms, the
converter is disabled, and interrupt is set. When the output voltage rises above the undervoltage power-good
threshold level the BUCKx_PG_INT interrupt flag in the INT_BUCK register is set.
Power-good thresholds are defined by BUCKx_WINDOW bits. A PGOOD_WINDOW bit in PGOOD_CTRL
register sets the detection method for the valid buck output voltage, either undervoltage detection
or undervoltage and overvoltage detection. The powergood interrupt flag can be masked using the
BUCKx_PGR_MASK bit in the BUCK_MASK register when reaching the valid output voltage. The power-
good interrupt flag can also be generated when the output voltage becomes invalid. The interrupt mask for
invalid output voltage detection is set by BUCKx_PGF_MASK bit in BUCK_MASK register. When the window
monitoring (under and overvoltage monitoring) is selected, the mask bits apply when voltage is crossing either
threshold. A BUCKx_PG_STAT bit in BUCK_STAT register shows always the validity of the output voltage; '1'
means valid, and '0' means invalid output voltage.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com