Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 37Page - Texas Instruments LP87702 Datasheet HTML 38Page - Texas Instruments LP87702 Datasheet HTML 39Page - Texas Instruments LP87702 Datasheet HTML 40Page - Texas Instruments LP87702 Datasheet HTML 41Page - Texas Instruments LP87702 Datasheet HTML 42Page - Texas Instruments LP87702 Datasheet HTML 43Page - Texas Instruments LP87702 Datasheet HTML 44Page - Texas Instruments LP87702 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
7.5 Programming
7.5.1 I2C-Compatible Interface
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers
on the device. This protocol uses a two-wire interface for bidirectional communications between the ICs
connected to the bus. The two interface lines are the serial data line (SDA) and the serial clock line (SCL).
Every device on the bus is assigned a unique address and acts as either a master or a slave depending on
whether it generates or receives the serial clock SCL. The SCL and SDA lines should each have a pull-up
resistor placed somewhere on the line and remain HIGH even when the bus is idle. The LP87702 supports
standard mode (100 kHz), fast mode (400 kHz), fast mode plus (1 MHz), and high-speed mode (3.4 MHz).
7.5.1.1 Data Validity
The data on the SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, the
state of the data line can only be changed when clock signal is LOW.
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
SCL
SDA
Figure 7-15. Data Validity Diagram
7.5.1.2 Start and Stop Conditions
The LP87702 is controlled through an I2C-compatible interface. START and STOP conditions classify the
beginning and end of the I2C session. A START condition is defined as SDA transitions from HIGH to LOW
while SCL is HIGH. A STOP condition is defined as SDA transition from LOW to HIGH while SCL is HIGH. The
I2C master always generates the START and STOP conditions.
S
SDA
START
Condition
SCL
P
STOP
Condition
Figure 7-16. Start and Stop Sequences
The I2C bus is considered busy after a START condition and free after a STOP condition. The I2C master can
generate repeated START conditions during data transmission. A START and a repeated START condition are
equivalent function-wise. The data on SDA must be stable during the HIGH period of the clock signal (SCL). In
other words, the state of SDA can only be changed when SCL is LOW. Figure 7-17 shows the SDA and SCL
signal timing for the I2C-Compatible Bus.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com