Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments LP87702 Datasheet HTML 15Page - Texas Instruments LP87702 Datasheet HTML 16Page - Texas Instruments LP87702 Datasheet HTML 17Page - Texas Instruments LP87702 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
6.7 Typical Characteristics
Unless otherwise specified: VIN = 3.3 V, TA = 25°C, ƒSW -setting 4 MHz, L0 = L1 = 0.47 µH (TOKO
DFE252012PD-R47M), L2 = 1 µH (TFM252012ALMA1R0), COUT_BUCK = 22 µF, and CPOL_BUCK = 22 µF,
COUT_BOOST = 22 µF. Measurements are done using connections in the Figure 8-1.
Input Voltage (V)
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
0
0.5
1
1.5
2
2.5
3
3.5
4
D016
V(NRST) = 0 V
Figure 6-2. Shutdown Current Consumption vs
Input Voltage
Input Voltage (V)
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
0
5
10
15
20
25
30
D015
V(NRST) = 1.8 V
Regulators disabled
Figure 6-3. Standby Current Consumption vs Input
Voltage
Input Voltage (V)
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
40
45
50
55
60
65
70
75
80
85
90
D013
VOUT = 1.2 V
Load = 0 mA
Figure 6-4. Active State Current Consumption vs
Input Voltage, One Buck Converter Enabled in PFM
Mode
Input Voltage (V)
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
0
5
10
15
20
25
30
35
40
45
50
D012
VOUT = 1.2 V
Load = 0 mA
Figure 6-5. Active State Current Consumption vs
Input Voltage, One Buck Converter Enabled in
PWM Mode
Input Voltage (V)
2.8
3
3.2
3.4
3.6
3.8
4
0
5
10
15
20
25
30
35
40
45
50
D014
VOUT = 5.0 V
Load = 0 mA
Figure 6-6. Active State Current Consumption vs Input Voltage, Boost Converter Enabled in PWM Mode
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com