Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
Limits apply over the junction temperature range –40°C ≤ TJ ≤ 140°C, specified VVANA, VVIN_Bx, VVOUT_Bx, VVOUT_BST, and
IOUT range, unless otherwise noted. Typical values are at TA = 25°C, VVANA = VVIN_Bx = 3.3 V, VOUT_BST = 5 V and VOUT_Bx =
1 V, unless otherwise noted. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown
Temperature rising
140
150
160
°C
Hysteresis
20
VANAOVP VANA Overvoltage
Voltage rising, VANA_OVP_SEL = 0
5.6
5.8
6.1
V
Voltage falling, VANA_OVP_SEL = 0
5.45
5.73
5.96
Voltage rising, VANA_OVP_SEL = 1
4.1
4.3
4.6
Voltage falling, VANA_OVP_SEL = 1
3.95
4.23
4.46
Hysteresis
40
200
mV
VANAUVL
O
VANA Undervoltage
Lockout
Voltage rising
2.51
2.63
2.75
V
Voltage falling
2.5
2.6
2.7
BUCKx short circuit
detection
Threshold
0.32
0.35
0.45
V
Bypass short circuit
current limit
270
420
mA
LOAD CURRENT MEASUREMENT FOR BUCK CONVERTERS
Current measurement
range
Current corresponding to maximum output
code (note: maximum current for LP87702
buck is 3.5A)
10.22
A
Resolution
LSB
20
mA
Measurement accuracy
IOUT > 1A
<10%
Measurement time
Auto mode (automatically changing to PWM
mode for the measurement)
50
µs
PWM mode
25
CURRENT CONSUMPTION
Shutdown current
consumption
NRST = 0
1
µA
Standby current
consumption, converters
disabled
NRST = 1
9
µA
Active current
consumption, one buck
converter enabled in
Auto mode, internal RC
oscillator
IOUT_Bx = 0 mA, not switching
55
µA
Active current
consumption, two buck
converters enabled in
Auto mode, internal RC
oscillator
IOUT_Bx = 0 mA, not switching
90
µA
Active current
consumption during PWM
operation, one buck
converter enabled
IOUT_Bx = 0 mA
15
mA
Active current
consumption during PWM
operation, two buck
converters enabled
IOUT_Bx = 0 mA
27
mA
Active current
consumption, Boost
converter in PWM
operation
IOUT_BST = 0 mA, fSW = 4 MHz
18
mA
PLL and clock detector
current consumption
Additional current consumption when
enabled, 2 MHz external clock
2
mA
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com