Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments LP87702 Datasheet HTML 15Page - Texas Instruments LP87702 Datasheet HTML 16Page - Texas Instruments LP87702 Datasheet HTML 17Page - Texas Instruments LP87702 Datasheet HTML 18Page - Texas Instruments LP87702 Datasheet HTML 19Page - Texas Instruments LP87702 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
7.2 Functional Block Diagram
Diagnostics
UVLO
SW
Reset
Digital
Logic
Registers
I2C
Enable/
Disable,
Delay
Control
Slew-Rate
Control
Interrupts
nINT
SDA / EN3
SCL / EN2
EN1
VANA
OTP
EPROM
Thermal
Monitor
Oscillator
Buck0
ILIM Det
Pwrgood
Det
Overload
and SC
Det
Buck1
Boost
ILIM Det
Pwrgood
Det
Overload
and SC Det
ILIM Det
Pwrgood Det
Overload and
SC Det
Ref &
Bias
Iload ADC
Iload ADC
CLKIN / GPO2/ WD_DIS
GPO0
Ref &
Bias
PG0
PG1/ GPO1
VMON1
VMON2
Window
Watchdog
WD_RESET
WDI
NRST
7.3 Feature Descriptions
7.3.1 Step-Down DC/DC Converters
7.3.1.1 Overview
The LP87702 includes two high-efficiency step-down DC/DC converters. The buck converters deliver 0.7-V
to 3.36-V regulated voltage rails from 2.8-V to 5.5-V input-supply voltage. The converters are designed for
flexibility; most of the functions are programmable, thus optimizing the converter operation for each application:
• DVS support with programmable slew rate
• Automatic mode control based on the loading (PWM or PFM mode)
• Forced PWM mode option
• Optional external clock input to minimize crosstalk
• Optional spread spectrum technique to reduce EMI
• Synchronous rectification
• Current mode loop with PI compensator
• Soft start
• Programmable output voltage monitoring with maskable interrupt and selectable connection PG0 or PG1
• Average output current sensing (for PFM entry and load current measurement)
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com