Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments LP87702 Datasheet HTML 35Page - Texas Instruments LP87702 Datasheet HTML 36Page - Texas Instruments LP87702 Datasheet HTML 37Page - Texas Instruments LP87702 Datasheet HTML 38Page - Texas Instruments LP87702 Datasheet HTML 39Page - Texas Instruments LP87702 Datasheet HTML 40Page - Texas Instruments LP87702 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
Time
Voltage
VOUTx
2.5 V
Time
Current
ILIMx
INT_BOOST(BOOST_ILIM_INT)
P
s
nINT
BOOST_STAT(BOOST_STAT)
1
Resistive
pull-down
1
Converter disabled
by digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1ms
0
1
0
0
INT_BOOST(BOOST_SC_INT)
0
1
0
VIN
Figure 7-13. Boost Overload Situation
The buck converters have a fixed current limit for negative output peak current (ILIM_NEG). When the negative coil
current increases, it is limited below ILIM_NEG, the converter continues to operate and no interrupt is generated.
The boost converter's negative peak current limit operation is similar and the limit value is 1.4 A (typical).
7.3.10.4.2 Thermal Warning
The LP87702 device includes a protection feature against over-temperature by setting an interrupt for the host
processor. The thermal warning's threshold level is selected with the TDIE_WARN_LEVEL bit.
If the LP87702 device temperature increases above the thermal warning level, the device sets the
TDIE_WARN_INT bit and pulls the nINT pin low. The status of the thermal warning can be read from the
TDIE_WARN_STAT bit and the interrupt is cleared by writing 1 to the TDIE_WARN_INT bit. The thermal warning
interrupt can be masked by setting the TDIE_WARN_MASK bit to 1.
7.3.10.5 Protections Causing Converter Disable
If the converter is disabled because of protection or fault (short-circuit protection, thermal shutdown, overvoltage
protection, or undervoltage lockout), the output power FETs are set to high-impedance mode, and the output
pulldown resistor is enabled (if enabled with BUCKx_RDIS_EN and BOOST_RDIS_EN bits). The turnoff time
of the output voltage is defined by the output capacitance, load current, and the resistance of the integrated
pulldown resistor. The pulldown resistors are active as long as the VANA voltage is above the 1.2-V level
(approximately).
7.3.10.5.1 Short-Circuit and Overload Protection
A short-circuit protection feature allows the LP87702 to protect itself and external components against short
circuiting at the output or against overloading during start-up. A short-circuit at the buck converter output is
detected during start-up when the output voltage is below 350 mV (typical) 1 ms after the buck converter is
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com