Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 68 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
Figure 7-54. INT_BOOST Register
7
6
5
4
3
2
1
0
RESERVED
BOOST_PG_IN
T
BOOST_SC_IN
T
BOOST_ILIM_I
NT
R/W-0h
R-0h
R-0h
R-0h
Table 7-46. INT_BOOST Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R/W
0h
2
BOOST_PG_INT
R
0h
Latched status bit indicating that Boost powergood event has been
detected.
Write 1 to clear.
1
BOOST_SC_INT
R
0h
Latched status bit indicating that the Boost output voltage has fallen
to input voltage level or below 2.5 V level during operation or BOOST
output didn't reach 2.5 V level in 1 ms from enable.
Write 1 to clear.
0
BOOST_ILIM_INT
R
0h
Latched status bit indicating that Boost output current limit has been
triggered.
Write 1 to clear.
7.6.1.1.37 INT_DIAG Register (Offset = 24h) [reset = 0h]
INT_DIAG is shown in Figure 7-55 and described in Table 7-47.
Return to Table 7-9.
Figure 7-55. INT_DIAG Register
7
6
5
4
3
2
1
0
RESERVED
VMON2_PG_IN
T
RESERVED
VMON1_PG_IN
T
RESERVED
VANA_PG_INT
R/W-0h
R-0h
R/W-0h
R-0h
R/W-0h
R-0h
Table 7-47. INT_DIAG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
0h
4
VMON2_PG_INT
R
0h
Latched status bit indicating that VMON2 powergood event has been
detected.
Write 1 to clear.
3
RESERVED
R/W
0h
2
VMON1_PG_INT
R
0h
Latched status bit indicating that VMON1 powergood event has been
detected.
Write 1 to clear.
1
RESERVED
R/W
0h
0
VANA_PG_INT
R
0h
Latched status bit indicating that VANA powergood event has been
detected.
Write 1 to clear.
7.6.1.1.38 TOP_STATUS Register (Offset = 25h) [reset = 0h]
TOP_STATUS is shown in Figure 7-56 and described in Table 7-48.
Return to Table 7-9.
Figure 7-56. TOP_STATUS Register
7
6
5
4
3
2
1
0
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
68
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com