Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 35Page - Texas Instruments LP87702 Datasheet HTML 36Page - Texas Instruments LP87702 Datasheet HTML 37Page - Texas Instruments LP87702 Datasheet HTML 38Page - Texas Instruments LP87702 Datasheet HTML 39Page - Texas Instruments LP87702 Datasheet HTML 40Page - Texas Instruments LP87702 Datasheet HTML 41Page - Texas Instruments LP87702 Datasheet HTML 42Page - Texas Instruments LP87702 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
The type of output, either push-pull (with V(VANA) level) or open drain, are set with the GPO0_OD and
GPO1_PG1_OD bits in the GPO_CONTROL_1 register and the GPO2_OD bit in the GPO_CONTROL_2
register.
The logic level of the GPOx pins are is set by the GPO0_OUT and GPO1_OUT bits in the GPO_CONTROL_1
register and the GPO2_OUT bit in the GPO_CONTROL_2 register.
The control of the GPOs can be included to start-up and shutdown sequences. The GPO control for a sequence
with ENx pin is selected by the GPOx_EN_PIN_CTRL bits. The delays during start-up and shutdown are set by
bits in the GPOx_DELAY registers.
7.3.13 Digital Signal Filtering
The digital signals have a debounce filtering. The signal or supply is sampled with a clock signal and a counter.
This results as an accuracy of one clock period for the debounce window.
Table 7-7. Digital Signal Filtering
EVENT
SIGNAL/SUPPLY
RISING EDGE
FALLING EDGE
LENGTH
LENGTH
Enable or Disable for BUCKx,
BOOST, or GPOx
ENx
3 µs(1)
3 µs(1)
VANA undervoltage lockout
VANA
Immediate (VANA voltage rising)
Immediate (VANA voltage falling)
VANA overvoltage
VANA
1 µs (VANA voltage rising)
1 µs (VANA voltage falling)
Thermal warning
TDIE_WARN_INT
20 µs
20 µs
Thermal shutdown
TDIE_SD_INT
20 µs
20 µs
Current limit, BUCKx
20 µs
20 µs
Current limit, BOOST
64 µs
64 µs
Overload
FB_B0, FB_B1,
VOUT_BST
1 ms
N/V
PGx pin and power-good
interrupt (voltage monitoring)
PG0, PG1 / FB_B0, FB_B1
6 µs
6 µs
PGx pin and power-good
interrupt (voltage monitoring)
PG0, PG1 / VOUT_BST,
VANA, VMON1, VMON2
15 µs
15 µs
(1)
No glitch filtering; only synchronization.
7.4 Device Functional Modes
7.4.1 Modes of Operation
SHUTDOWN: The V(VANA) voltage is below the VANAUVLO threshold level or the NRST signal is low. All switch,
reference, control, and bias circuitry of the LP87702 device are turned off.
READ OTP:
The main supply voltage (V(VANA)) is above the VANAUVLO level and the NRST signal is high.
The converters are disabled and the reference and bias circuitry of the LP87702 are enabled.
The OTP bits are loaded to the registers. I2C access is not allowed during OTP read. Section
7.3.8 shows how this also applies to the watchdog.
STANDBY:
The main supply voltage (V(VANA)) is above the VANAUVLO level and the NRST signal is high.
All registers can be read or written by the host processor through the system serial interface.
Watchdog is active and the WDI input is expected to toggle to avoid watchdog expiration. The
converters are disabled and the LP87702's reference, control, and bias circuitry are enabled.
The converters can be enabled if needed.
ACTIVE:
The main supply voltage (V(VANA)) is above the VANAUVLO level and the NRST signal is high. At
least one converter is enabled. All registers can be read or written by the host processor through
the system's serial interface. Watchdog is active and the WDI input is expected to toggle to avoid
watchdog expiration.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com