Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 29Page - Texas Instruments LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments LP87702 Datasheet HTML 35Page - Texas Instruments LP87702 Datasheet HTML 36Page - Texas Instruments LP87702 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
ramp below 800 µs to avoid PGx triggering at start-up. In addition, the PGx is inactive when the invalid input
voltage at VANA, VMON1, or VMON2 pin is detected.
Detected fault sets the corresponding fault bit in PG0_FAULT or in PG1_FAULT register. The detected fault must
be cleared to continue the PGx monitoring. The over-voltage and thermal faults are cleared by writing 1 to the
corresponding interrupt bits in INT_TOP_1 register. Converter, VMONx and VANA faults are cleared by writing 1
to the corresponding register bit in INT_BUCK, INT_BOOST, and INT_DIAG register, respectively. An example
of the PGx pin operation in gated mode is shown in Figure 7-10 and the different use cases for the PGx signal
operation are summarized in Table 7-6.
V(VANA)
VANA_UVLO
State
Shut
down
Read
OTP
Standby
PGx pin
EN
VOUT (Buck1)
VOUT (Boost)
Powergood (Buck1)
Powergood (Boost)
Active
800us Timer
EN (Buck1)
800us Timer
EN (Boost)
4ms
2ms
Clear fault
Figure 7-10. PGx Pin Operation in Gated Mode.
7.3.10.3.2 PGx Pin Operation in Continuous Mode
In this mode the PGx signal shows the validity of the requested voltages continuously. Mode is selected by
setting the PGx_MODE bit to 1 in the PG_CTRL register.
For the continuous mode of operation, the PGx behaves as follows:
• PGx is set to active or asserted state upon exiting the OTP configuration as an initial default state.
• PGx is set to inactive or de-asserted as soon as the converter is enabled.
• PGx status begins indicating the output voltage regulation status immediately and continuously.
• PGx state changes between inactive or deasserted and active or asserted during power-up sequencing
and requested voltage changes, depending on the output voltages being outside or inside of the regualtion
ranges.
When an invalid output voltage of monitored converter is detected, the corresponding bit in the PG0_FAULT
or PG1_FAULT register is set to 1 and the PGx signal becomes inactive. The PG0_FAULT and PG1_FAULT
register bits are latched and maintain the fault information until host clears the fault bit by writing 1 to the bit.
The PGx signal also indicates the interrupts from VANA, VMON1, and VMON2 inputs and thermal warning and
shutdown. All are cleared by clearing the interrupt bits.
The PGx signal is set inactive when the converter voltage is transitioning from one target voltage to another.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com