Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 64 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 60Page - Texas Instruments LP87702 Datasheet HTML 61Page - Texas Instruments LP87702 Datasheet HTML 62Page - Texas Instruments LP87702 Datasheet HTML 63Page - Texas Instruments LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
Table 7-39. WD_CTRL_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
WD_CLOSE_TIME
R/W
0h
Watchdog close window time select.
00 – 10 ms
01 – 20 ms
10 – 50 ms
11 – 100 ms
(Default from OTP memory)
5-4
WD_OPEN_TIME
R/W
0h
Watchdog open window time select.
00 – 20 ms
01 – 100 ms
10 – 200 ms
11 – 600 ms
(Default from OTP memory)
3-2
WD_LONG_OPEN_TIME R/W
0h
Watchdog long open window time select.
00 – 200 ms
01 – 600 ms
10 – 2000 ms
11 – 5000 ms
(Default from OTP memory)
1-0
WD_RESET_CNTR_SEL
R/W
0h
Watchdog reset counter threshold select. After the selected number
of reset (WDR) pulses system restart sequence is initiated.
00 – system restart disabled
01 – 1
10 – 2
11 – 4
(Default from OTP memory)
7.6.1.1.30 WD_CTRL_2 Register (Offset = 1Dh) [reset = 1h]
WD_CTRL_2 is shown in Figure 7-48 and described in Table 7-40.
Return to Table 7-9.
Figure 7-48. WD_CTRL_2 Register
7
6
5
4
3
2
1
0
WD_LOCK
RESERVED
WD_SYS_RES
TART_FLAG_M
ODE
WD_EN_OTP_
READ
WDI_PD
WDR_POL
WDR_OD
R-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
Table 7-40. WD_CTRL_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
WD_LOCK
R
0h
Lock bit for watchdog controls. Locks all controls to watchdog in
registers WD_CTRL_1, WD_CTRL_2. Lock bit also locks itself.
Once lock bit is written 1 it cannot be written 0. Only reset can
clear it. 0 – Not locked 1 – Locked WD_STATUS register is not
affected by WD_LOCK bit. WD_SYSTEM_RESTART_FLAG and
WD_RESET_CNTR_STATUS can be cleared even if WD_LOCK=1.
6-5
RESERVED
R/W
0h
4
WD_SYS_RESTART_FLA
G_MODE
R/W
0h
WD_SYSTEM_RESTART_FLAG mode select. 0 -
WD_SYSTEM_RESTART_FLAG is only a status bit. 1 –
WD_SYSTEM_RESTART_FLAG prevents further system restarts
until it is cleared. (Default from OTP memory)
3
WD_EN_OTP_READ
R/W
0h
Read OTP during system restart sequence 0 – OTP read not
enabled during system restart sequence 1 – OTP read enabled
during system restart sequence (Default from OTP memory)
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com