Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 69 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments LP87702 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
Figure 7-56. TOP_STATUS Register (continued)
RESERVED
SYNC_CLK_ST
AT
TDIE_SD_STAT TDIE_WARN_S
TAT
OVP_STAT
R-0h
R-0h
R-0h
R-0h
R-0h
Table 7-48. TOP_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
3
SYNC_CLK_STAT
R
0h
Status bit indicating the status of external clock (CLKIN):
0 – External clock frequency is valid
1 – External clock frequency is not valid.
2
TDIE_SD_STAT
R
0h
Status bit indicating the status of thermal shutdown:
0 – Die temperature below thermal shutdown level
1 – Die temperature above thermal shutdown level.
1
TDIE_WARN_STAT
R
0h
Status bit indicating the status of thermal warning:
0 – Die temperature below thermal warning level
1 – Die temperature above thermal warning level.
0
OVP_STAT
R
0h
Status bit indicating the status of input overvoltage monitoring:
0 – Input voltage below overvoltage threshold level
1 – Input voltage above overvoltage threshold level.
7.6.1.1.39 BUCK_STATUS Register (Offset = 26h) [reset = 0h]
BUCK_STATUS is shown in Figure 7-57 and described in Table 7-49.
Return to Table 7-9.
Figure 7-57. BUCK_STATUS Register
7
6
5
4
3
2
1
0
BUCK1_STAT BUCK1_PG_ST
AT
BUCK1_ILIM_S
TAT
BUCK0_STAT BUCK0_PG_ST
AT
BUCK0_ILIM_S
TAT
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 7-49. BUCK_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
BUCK1_STAT
R
0h
Status bit indicating the enable or disable status of BUCK1:
0 – BUCK1 converter is disabled
1 – BUCK1 converter is enabled.
6
BUCK1_PG_STAT
R
0h
Status bit indicating BUCK1 output voltage validity (raw status)
0 – BUCK1 output is not valid
1 – BUCK1 output is valid.
4
BUCK1_ILIM_STAT
R
0h
Status bit indicating BUCK1 current limit status (raw status)
0 – BUCK1 output current is below current limit threshold level
1 – BUCK1 output current is at current limit threshold level.
3
BUCK0_STAT
R
0h
Status bit indicating the enable or disable status of BUCK0:
0 – BUCK0 converter is disabled
1 – BUCK0 converter is enabled.
2
BUCK0_PG_STAT
R
0h
Status bit indicating BUCK0 output voltage validity (raw status)
0 – BUCK0 output is not valid
1 – BUCK0 output is valid.
0
BUCK0_ILIM_STAT
R
0h
Status bit indicating BUCK0 current limit status (raw status)
0 – BUCK0 output current is below current limit threshold level
1 – BUCK0 output current is at current limit threshold level.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com