Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments LP87702 Datasheet HTML 15Page - Texas Instruments LP87702 Datasheet HTML 16Page - Texas Instruments LP87702 Datasheet HTML 17Page - Texas Instruments LP87702 Datasheet HTML 18Page - Texas Instruments LP87702 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
7 Detailed Description
7.1 Overview
The LP87702 is a high-efficiency, high-performance power supply IC with two step-down DC/DC converters
(Buck0 and Buck1) and boost converter for automotive and industrial applications. The input voltage range is
from 2.8 V to 5.5 V. The typical application input voltage levels are 3.3 V and 5 V. VANAOVP is set to 4.3 V
(typical) with 3.3 V input and boost enabled. The boost can be used as a load switch and VANAOVP is set to 5.8
V (typical) when input voltage is 5 V. VANAOVP is selected in OTP by VANA_OVP_SEL and is a fixed factory
setting. Table 7-1 lists the output characteristics of the various converters.
Table 7-1. Supply Specification
SUPPLY
OUTPUT
VOUT RANGE (V)
RESOLUTION (mV)
IMAX MAXIMUM OUTPUT CURRENT (mA)
Boost
4.9 to 5.2
100
600
Buck0
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
3500
Buck1
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
3500
The LP87702 converters support switching clock synchronization to an external clock connected to CLKIN input.
The external clock can be from 1 MHz to 24 MHz with 1-MHz steps. Alternatively, optional spread spectrum
mode can be enabled to reduce EMI.
LP87702 features include diagnostics, monitoring, and protections for the devices internal and system level
operation, which are the following:
• Soft start
• Input undervoltage lockout
• Programmable undervoltage or window (overvoltage and undervoltage) monitoring for the input (from VANA
pin)
• Programmable undervoltage or window (overvoltage and undervoltage) monitoring for the buck and boost
converter outputs
• Two inputs (VMONx) with programmable undervoltage or window (overvoltage and undervoltage) thresholds,
for monitoring external rails in the system
• One dedicated power-good output (PG0) to which selected monitoring signals can be combined
• Second programmable power-good output (PG1), multiplexed with general purpose output (GPO1)
• Power good flags with maskable interrupt
• Programmable window watchdog
• Buck and boost converter overload detection
• Thermal warning with two selectable thresholds
• Thermal shutdown
LP87702 control interface:
• Up to three enable inputs ( EN1, EN2, and EN3) with programmable power-up or power-down sequence
control
• Optional I2C (multiplexed with EN2 and EN3 inputs)
• Interrupt signal (nINT) to host
• Reset input (NRST)
• One dedicated general purpose output (GPO0)
• Watchdog disable WD_DIS, multiplexed with CLKIN/GPO2
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com