Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 18Page - Texas Instruments LP87702 Datasheet HTML 19Page - Texas Instruments LP87702 Datasheet HTML 20Page - Texas Instruments LP87702 Datasheet HTML 21Page - Texas Instruments LP87702 Datasheet HTML 22Page - Texas Instruments LP87702 Datasheet HTML 23Page - Texas Instruments LP87702 Datasheet HTML 24Page - Texas Instruments LP87702 Datasheet HTML 25Page - Texas Instruments LP87702 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
0.6V
Enable
Time
Voltage
Soft start
Ramp
BUCKx_SLEW_RATE[2:0]
Resistive pull-down
(if enabled)
BUCKx_VSET[7:0]
INT_BUCK(BUCKx_PG_INT)
nINT
BUCK_STATUS(BUCKx_PG_STAT)
0.35V
Voltage decrease because of load
BUCK_STATUS(BUCKx_STAT)
BUCK_MASK(BUCKx_PGF_MASK) = 0
BUCK_MASK(BUCKx_PGR_MASK) = 0
Host clears
interrupts
Powergood
interrupts
0
0
1
0
0
1
0
1
1
0
0
1
0 1
0
1
0
BUCKx_WINDOW[1:0]
Figure 7-4. Buck Converter Enable and Disable
Figure 7-5 shows how the boost converter is enabled by an ENx pin or by I2C write access. The soft-start circuit
limits the in-rush current during start-up. The output voltage increase rate is less than 100 mV/μsec during soft
start. If there is a short circuit at the output and the output voltage does not reach the input voltage level in 1 ms,
the converter is disabled, and the interrupt is set. When the output voltage reaches the power-good threshold
level, the BOOST_PG_INT interrupt flag in INT_BOOST register is set.
Power-good thresholds are defined by BOOST_WINDOW bits. A PGOOD_WINDOW bit in PGOOD_CTRL
register sets the detection method for the valid boost output voltage, either undervoltage detection or
undervoltage and overvoltage detection. The power-good interrupt flag, when reaching valid output voltage, can
be masked using BOOST_PGR_MASK bit in BOOST_MASK register. The power-good interrupt flag can also
be generated when the output voltage becomes invalid. The interrupt mask for invalid output voltage detection
is set by the BOOST_PGF_MASK bit in BOOST_MASK register. A BOOST_PG_STAT bit in the BOOST_STAT
register always shows the validity of the output voltage; '1' means valid and '0' means invalid output voltage.
The ENx input pins have integrated pulldown resistors. The pulldown resistors are enabled by default and host
can disable those with ENx_PD bits in CONFIG register.
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com