Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
Limits apply over the junction temperature range –40°C ≤ TJ ≤ 140°C, specified VVANA, VVIN_Bx, VVOUT_Bx, VVOUT_BST, and
IOUT range, unless otherwise noted. Typical values are at TA = 25°C, VVANA = VVIN_Bx = 3.3 V, VOUT_BST = 5 V and VOUT_Bx =
1 V, unless otherwise noted. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External input clock(6)
Nominal frequency
1
24
MHz
Nominal frequency step size
1
Required accuracy from nominal frequency
–30%
10%
External clock detection
Delay for detecting loss of external clock,
nominal internal clock, clock accuracy ±10%
1.8
µs
Delay for detecting valid external clock,
nominal internal clock, clock accuracy ±10%
20
Clock change delay
(internal to external)
Delay from valid clock detection to use of
external clock
600
µs
PLL output clock jitter
Cycle to cycle
300
ps, p-p
MONITORING FUNCTIONS
VANA Voltage Monitoring
Voltage threshold, VANA_THRESHOLD = 0
3.3
V
Voltage threshold, VANA_THRESHOLD = 1
5.0
Voltage window, VANA_WINDOW = 00
±3%
±4%
±5%
Voltage window, VANA_WINDOW = 01
±4%
±5%
±6%
Voltage window, VANA_WINDOW = 10 or 11
±9%
±10%
±11%
VMON1 and VMON2
Voltage Monitoring
Thresholds
VMONx_THRESHOLD = 000
0.65
V
VMONx_THRESHOLD = 001
0.8
VMONx_THRESHOLD = 010
1.0
VMONx_THRESHOLD = 011
1.1
VMONx_THRESHOLD = 100
1.2
VMONx_THRESHOLD = 101
1.3
VMONx_THRESHOLD = 110
1.8
VMONx_THRESHOLD = 111
1.8
VMON1 and VMON2
Voltage Monitoring
Windows
VMONx_WINDOW = 00,
VMONx_THRESHOLD from 000 to 111
±1%
±2%
±3%
VMONx_WINDOW = 01,
VMONx_THRESHOLD from 000 to 111
±2%
±3%
±4%
VMONx_WINDOW = 10,
VMONx_THRESHOLD from 000 to 111
±3%
±4%
±5%
VMONx_WINDOW = 11,
VMONx_THRESHOLD from 000 to 111
±5%
±6%
±7%
Buck0 and Buck1 Voltage
Monitoring Windows
BUCKx_WINDOW = 00
±20
±30
±40
mV
BUCKx_WINDOW = 01
±37
±50
±63
BUCKx_WINDOW = 10
±57
±70
±83
BUCKx_WINDOW = 11
±77
±90
±103
Boost Voltage Monitoring
BOOST_WINDOW = 00
±0.6%
±2%
±3.4%
BOOST_WINDOW = 01
±2.6%
±4%
±5.4%
BOOST_WINDOW = 10
±4.6%
±6%
±7.4%
BOOST_WINDOW = 11
±6.6%
±8%
±9.4%
Deglitch time
VANA, VMONx and BOOST monitoring
12
17
μs
BUCKx monitoring
6
9
PROTECTION FUNCTIONS
Thermal warning
Temperature rising, TDIE_WARN_LEVEL = 0
115
125
135
°C
Temperature rising, TDIE_WARN_LEVEL = 1
130
140
150
Hysteresis
20
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com