Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 28Page - Texas Instruments LP87702 Datasheet HTML 29Page - Texas Instruments LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments LP87702 Datasheet HTML 35Page - Texas Instruments LP87702 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
PG1 CONTROL
Mask
Falling
Status
INT
Mask
Rising
PG0
PG1/GPO1
Mask
Status
INT
Mask
Falling
Status
INT
Mask
Rising
Mask
Falling
Status
INT
Mask
Rising
Mask
Falling
Status
INT
Mask
Rising
Mask
Falling
Status
INT
Mask
Rising
Mask
Falling
Status
INT
Mask
Rising
nINT
Boost
Powergood
Buck0
Powergood
Buck1
Powergood
VANA
Powergood
Thermal
Warn
VMON1
Powergood
VMON2
Powergood
SEL_PG0_VMON1
SEL_PG0_VANA
SEL_PG0_BUCK1
SEL_PG0_BUCK0
SEL_PG0_BOOST
SEL_PG0_VMON2
GPO1
VANA
VMON1
VMON2
PP/OD
Polarity
PP/OD
EN_PGOOD_BOOST
EN_PGOOD_BUCK0
EN_PGOOD_BUCK1
EN_PGOOD_VANA
EN_PGOOD_VMON1
EN_PGOOD_VMON2
GPO1_SEL
SEL_PG0_TWARN
PG0 CONTROL
Figure 7-9. Block Diagram of Power-Good Connections
LP87702 power-good detection has two operating modes selected in the OTP: gated (that is, unusual) or
continuous (that is, invalid) mode of operation. These modes are described in Section 7.3.10.3.1 and in Section
7.3.10.3.2.
7.3.10.3.1 PGx Pin Gated (Unusual) Mode
The PGx signal detects unexpected or unusual situations in this mode. Mode is selected by setting the
PGx_MODE bit to 0 in the PG_CTRL register.
For the gated mode of operation, the PGx behaves as follows:
• PGx is set to active or asserted state upon exiting the OTP configuration as an initial default state.
• The PGx status is active or asserted during an 800-μs gated time period from the enable activation for each
enabled rail, thereby gating-off the status indication.
• The PGx state typically remains active or asserted for normal conditions during normal power-up sequencing
and requested voltage changes.
• The PGx status could change to inactive or de-asserted after an 800-μs gated time period if any output
voltage is outside of regulation range during an abnormal power-up sequencing and requested voltage
changes.
• Using the gated mode of operation could allow the PGx signal to initiate an immediate power shutdown
sequence if the PGx signal is wired-OR with signal connected to the EN input. This type of circuit
configuration provides a smart PORz function for processor that eliminates the need for additional
components to generate PORz upon start-up and to monitor voltage levels of key voltage domains.
PGx signal is set inactive if the output voltage of a monitored buck or boost converter is invalid or the output
voltage is not valid at 800 µs from the enable of the converter, which should be considered when selecting the
BUCKx_SLEW_RATE setting. Keep the sum of the soft start time and slew rate controlled part of the voltage
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com