Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 27Page - Texas Instruments LP87702 Datasheet HTML 28Page - Texas Instruments LP87702 Datasheet HTML 29Page - Texas Instruments LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments LP87702 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
Table 7-5. Summary of Interrupt Signals (continued)
EVENT
SAFE STATE
INTERRUPT BIT
INTERRUPT MASK
STATUS BIT
RECOVERY/INTERRUPT
CLEAR
Software requested
reset
Immediate shutdown
followed by powerup,
registers reset to default
values
RESET_REG_INT = 1
RESET_REG_MASK
N/A
Write 1 to the
RESET_REG_INT bit.
(1)
Interrupt generated during the Clock Detector operation and in case the Clock is not available when the Clock Detector is enabled.
7.3.10.3 Power-Good Information to Interrupt, PG0, and PG1 Pins
LP87702 supports both interrupt based indication of the power-good levels for various voltage settings and
uses two power-good signals, PG0 and PG1. The selection of monitored signals is independent for the interrupt
(nINT) and PG0 and PG1 signals. Each signal can include the following:
• The output voltage of one or both BUCKx converters
• The output voltage of the BOOST converter
• Input voltage of VANA
• Input voltage of VMON1 and VMON2 or both
• Thermal warning
Figure 7-9 shows the block diagram for power-good connections to PG0 and PG1 pins and interrupt.
Monitored signals are enabled in the PGOOD_CTRL register. Converter output voltage monitoring (not current
limit monitoring) can be selected for the indication. Monitoring is enabled by the EN_PGOOD_BUCKx and
EN_PGOOD_BOOST bits. The monitoring is automatically masked to prevent it from forcing PGx inactive or
causing an interrupt when a converter is disabled. Also, monitoring of VANA, VMON1, and VMON2 inputs can
be independently enabled through the PGOOD_CTRL register. The type of voltage monitoring for the PGx
signals and nINT is selected by the PGOOD_WINDOW bit. Only the undervoltage is monitored if the bit is 0
and the undervoltage and overvoltage are monitored if the bit is 1. See Section 7.3.10.1 for voltage monitoring
thresholds.
Monitoring interrupts from all the output rails, input rails, and thermal warning are combined to the nINT pin.
Dedicated mask bits are used to select which interrupts control the state of the nINT pin. See Table 7-5 for
summary of the interrupts, mask bits, and interrupt clearing.
Similarly, enabled monitoring signals from all the output rails, input rails, and thermal warning are combined to
PG0 and PG1 output pins. Register bits (SEL_PGx_x in PG0_CTRL and PG1_CTRL) select which of the signals
control the state of PG0 and PG1, respectively. The polarity and the output type (push-pull or open-drain) of PG0
and PG1 are selected by the PGx_POL and PGx_OD bits in the PG_CTRL register.
PGx is only active or asserted when all monitored input voltages and all output voltages of the monitored and
enabled converters are within the specified tolerance of the set target value.
PGx is inactive or de-asserted if any of the monitored input voltages or output voltages of the monitored and
enabled converters are outside the specified tolerance of the set target value.
When PGx_RISE_DELAY = 1, PGx is set as active or asserted with 11 ms delay from the point of time
where all the enabled power resource output voltages are within the specified tolerance for each requested or
programmed output voltage.
Thermal shutdown and VANA overvoltage protection events force the PGx to the default state (the PGx are
driven low, assuming the PGx polarity set in the OTP is active high).
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com