Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 5 Page - Texas Instruments

  LP87702 Datasheet HTML 1Page - Texas Instruments LP87702 Datasheet HTML 2Page - Texas Instruments LP87702 Datasheet HTML 3Page - Texas Instruments LP87702 Datasheet HTML 4Page - Texas Instruments LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VIN_B0,
VIN_B1, SW_BST,
VANA
Voltage on input power connections
–0.3
6
V
SW_B0, SW_B1
Voltage on buck switch nodes
–0.3
(VIN_Bx + 0.3 V) with
6-V maximum
V
FB_B0, FB_B1
Voltage on buck voltage sense nodes
–0.3
(VANA + 0.3 V) with
6-V maximum
V
VOUT_BST
Voltage on boost output
–0.3
6
V
SCL (EN2), SDA (EN3),
VMON1, VMON2
Voltage on voltage monitoring pins
–0.3
(VANA + 0.3 V) with
6-V maximum
V
NRST, EN1, nINT
Voltage on logic pins (input or output pins)
–0.3
6
V
PG0, PG1 (GPO1),
GPO0, CLKIN (GPO2),
WDI, WD_RESET
Voltage on logic pins (input or output pins)
–0.3
(VANA + 0.3 V) with
6-V maximum
V
TJ-MAX
Junction temperature
−40
150
°C
Tstg
Storage temperature
–65
150
°C
Maximum lead temperature (soldering, 10 sec.)
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to network ground.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±500
Corner pins (1, 8, 9, 16, 17,
24, 25, 32)
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
INPUT VOLTAGE
VIN_B0, VIN_B1, SW_BST, VANA
Voltage on input power connections
2.8
5.5
V
VMON1, VMON2
Voltage on voltage monitoring pins
0
5.5
V
NRST, EN1, EN2, EN3, nINT
Voltage on logic pins (input or output pins)
0
5.5
PG0, PG1 (GPO1), GPO0, CLKIN
(GPO2), WDI, WD_RESET
Voltage on logic pins (input or output pins)
0
VANA
V
SCL, SDA
Voltage on I2C interface, Standard (100 kHz), Fast
(400 kHz), Fast+ (1 MHz), and High-Speed (3.4
MHz) Modes
0
1.95
V
Voltage on I2C interface, Standard (100 kHz), Fast
(400 kHz), and Fast+ (1 MHz) Modes
0 VANA with 3.6-V
maximum
V
TEMPERATURE
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com