Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 84 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments LP87702 Datasheet HTML 85Page - Texas Instruments LP87702 Datasheet HTML 86Page - Texas Instruments LP87702 Datasheet HTML 87Page - Texas Instruments LP87702 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
VOUT = 1.2 V
IOUT = 500 mA
Figure 8-13. Buck Output Voltage Ripple, Forced-
PWM Mode
VOUT = 1.2 V
IOUT = 10 mA
Figure 8-14. Buck Output Voltage Ripple, PFM
Mode
VOUT = 1.2 V
Figure 8-15. Buck Transient from PFM-to-PWM
Mode
VOUT = 1.2 V
Figure 8-16. Buck Transient from PWM-to-PFM
Mode
IOUT = 0 A → 3 A → 0 A
TR = TF = 1 µs
VOUT = 1 V
Figure 8-17. Buck Transient Load Step Response,
Forced-PWM Mode
IOUT = 0 A → 3 A → 0 A
TR = TF = 1 µs
VOUT = 1.2 V
Figure 8-18. Buck Transient Load Step Response,
Forced-PWM Mode
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com