Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 83 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments LP87702 Datasheet HTML 85Page - Texas Instruments LP87702 Datasheet HTML 86Page - Texas Instruments LP87702 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D005
Vin=3.3V, AUTO
Vin=5.0V, AUTO
VOUT = 1 V
Figure 8-7. Buck Output Voltage vs Load Current in
AUTO Mode
Input Voltage (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D009
Vout=1.0V; ILOAD=2.0A
.
Figure 8-8. Buck Output Voltage vs Input Voltage in
PWM Mode
Temperature (C)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D010
Vin=3.3V; Vout=1.0V
.
Figure 8-9. Buck Output Voltage vs Temperature
IOUT = 0 A
Figure 8-10. Buck Start-up with EN1, Forced-PWM
RLOAD = 1 Ω
Figure 8-11. Buck Start-up with EN1, Forced-PWM
RLOAD = 1 Ω
Figure 8-12. Buck Shutdown with EN1, Forced-
PWM
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com