Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments LP87702 Datasheet HTML 35Page - Texas Instruments LP87702 Datasheet HTML 36Page - Texas Instruments LP87702 Datasheet HTML 37Page - Texas Instruments LP87702 Datasheet HTML 38Page - Texas Instruments LP87702 Datasheet HTML 39Page - Texas Instruments LP87702 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
bits to see if the converter is still in peak current regulation mode. During startup or output voltage ramp (output
voltage change has been programmed) no interrupt is generated.
If the load is so high that the output voltage decreases below a 350-mV level, the LP87702 device disables
the converter and sets the BUCKx_SC_INT bit. The interrupt is cleared when the host processor writes 1 to
BUCKx_SC_INT bit. Figure 7-12 shows the Buck overload situation.
Time
Voltage
VOUTx
350 mV
Time
Current
ILIMx
INT_BUCK(BUCKx_ILIM_INT)
20 µs
nINT
BUCK_STAT(BUCKx_STAT)
1
Resistive
pull-down
1
Regulator disabled by
digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1 ms
0
1
0
0
INT_BUCK(BUCKx_SC_INT)
0
1
0
Figure 7-12. Buck Overload Situation
The boost converter has programmable output peak current limits. The limits are set with the BOOST_ILIM bits.
If the load current is increased so that the current limit is triggered, the converter continues to regulate to the limit
current level (current peak regulation). The voltage may decrease if the load current is higher than limit current. If
the current regulation continues for 64 µs, the LP87702 device sets the BOOST_ILIM_INT bit and pulls the nINT
pin low. The host processor can read the BOOST_ILIM_STAT bits to see if the converter is still in peak current
regulation mode.
If the load is so high that the output voltage decreases 150 mV (typical) below the input voltage level, then the
converter is disabled after 1 ms. If the output voltage decreases to 2.5 V, boost stops switching. After 1 ms the
deglitch time boost is fully disabled and the interrupt BOOST_SC_INT bit is set. The interrupt is cleared when
the host processor writes 1 to the BOOST_SC_INT bit. Figure 7-13 shows the Boost overload situation.
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com