Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments LP87702 Datasheet HTML 35Page - Texas Instruments LP87702 Datasheet HTML 36Page - Texas Instruments LP87702 Datasheet HTML 37Page - Texas Instruments LP87702 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
The source for the fault can be read from PGx_FAULT register when PGx signal becomes inactive. If the invalid
output voltage becomes valid again the PGx signal becomes active. Thus the PGx signal shows all the time if
the monitored output voltages are valid. Figure 7-11 shows an example of the PGx pin operation in continuous
mode.
The PGx signal can also be configured so that it maintains the inactive state even when the monitored outputs
are valid, but there are PG_FAULT_x bits pending clearance. This type of operation is selected by setting the
PGOOD_FAULT_GATES_PGx bit to 1.
V(VANA)
VANA_UVLO
State
Shut
down
Read
OTP
Standby
PGx pin
EN
VOUT (Buck1)
VOUT (Boost)
Powergood (Buck1)
Powergood (Boost)
Active
EN (Buck1)
EN (Boost)
4ms
2ms
Figure 7-11. PGx Pin Operation in Continuous Mode
7.3.10.3.3 Summary of PG0, PG1 Gated, and Continuous Operating Modes
Table 7-6 summarizes the PGx behavior in different application scenarios, for the gated and continuous
operating modes.
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com