Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 23Page - Texas Instruments LP87702 Datasheet HTML 24Page - Texas Instruments LP87702 Datasheet HTML 25Page - Texas Instruments LP87702 Datasheet HTML 26Page - Texas Instruments LP87702 Datasheet HTML 27Page - Texas Instruments LP87702 Datasheet HTML 28Page - Texas Instruments LP87702 Datasheet HTML 29Page - Texas Instruments LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
Long Open
Close
Open
WD Reset
Increase Reset Counter value,
WDI Rising
CloseTime Expired
WDI Rising
WDI Rising
LongOpenTime Expired
OpenTime Expired
Shutdown
Sequence
WD_RESET output
active for (7.5ms +10ms)
or (15ms+10ms)
Read OTP
Stop
WD_EN_OTP_READ = 0
WD_EN_OTP_READ = 1
WD_SYS_RESTART_FLAG_MODE = 1
Restart Disabled OR
Reset Counter < Counter Select
Restart Enabled AND
Reset Counter >= Counter Select
I2C Writing to WD Control Register
(from all states except Stop)
Release ENx
pin gating
Shutdown
NRST low OR
VANA < VANA_UVLO
NRST high AND
VANA > VANA_UVLO
(WD_SYSTEM_RESTART_FLAG = 0
OR
WD_SYSTEM_RESTART_FLAG_MODE = 0)
AND
WD_EN_OTP_READ = 1
(WD_SYSTEM_RESTART_FLAG = 0
OR
WD_SYSTEM_RESTART_FLAG_MODE = 0)
AND
WD_EN_OTP_READ = 0
WD_RESET output
active for 10ms
Set
WD_SYSTEM_
RESTART_FLAG = 1
Figure 7-8. Watchdog Operation
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com