Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments LP87702 Datasheet HTML 73Page - Texas Instruments LP87702 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
7.6.1.1.40 BOOST_STATUS Register (Offset = 27h) [reset = 0h]
BOOST_STATUS is shown in Figure 7-58 and described in Table 7-50.
Return to Table 7-9.
Figure 7-58. BOOST_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
BOOST_STAT
BOOST_PG_S
TAT
BOOST_ILIM_S
TAT
R-0h
R-0h
R-0h
R-0h
Table 7-50. BOOST_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
3
BOOST_STAT
R
0h
Status bit indicating the enable/disable status of Boost:
0 – Boost converter is disabled
1 – Boost converter is enabled.
2
BOOST_PG_STAT
R
0h
Status bit indicating Boost output voltage validity (raw status)
0 – Boost output is not valid
1 – Boost output is valid.
0
BOOST_ILIM_STAT
R
0h
Status bit indicating Boost current limit status (raw status)
0 – Boost output current is below current limit threshold level
1 – Boost output current is at current limit threshold level.
7.6.1.1.41 DIAG_STATUS Register (Offset = 28h) [reset = 0h]
DIAG_STATUS is shown in Figure 7-59 and described in Table 7-51.
Return to Table 7-9.
Figure 7-59. DIAG_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
VMON2_PG_S
TAT
RESERVED
VMON1_PG_S
TAT
RESERVED
VANA_PG_STA
T
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 7-51. DIAG_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0h
4
VMON2_PG_STAT
R
0h
Status bit indicating VMON2 input voltage validity (raw status)
0 – VMON2 voltage is not valid
1 – VMON2 voltage is valid.
3
RESERVED
R
0h
2
VMON1_PG_STAT
R
0h
Status bit indicating VMON1 input voltage validity (raw status)
0 – VMON1 voltage is not valid
1 – VMON1 voltage is valid.
1
RESERVED
R
0h
0
VANA_PG_STAT
R
0h
Status bit indicating VANA input voltage validity (raw status)
0 – VANA voltage is not valid
1 – VANA voltage is valid.
7.6.1.1.42 TOP_MASK_1 Register (Offset = 29h) [reset = 0h]
TOP_MASK_1 is shown in Figure 7-60 and described in Table 7-52.
Return to Table 7-9.
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com