Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 21Page - Texas Instruments LP87702 Datasheet HTML 22Page - Texas Instruments LP87702 Datasheet HTML 23Page - Texas Instruments LP87702 Datasheet HTML 24Page - Texas Instruments LP87702 Datasheet HTML 25Page - Texas Instruments LP87702 Datasheet HTML 26Page - Texas Instruments LP87702 Datasheet HTML 27Page - Texas Instruments LP87702 Datasheet HTML 28Page - Texas Instruments LP87702 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
An example of start-up and shutdown sequences for buck converters are shown in Figure 7-7. The start-up and
shutdown delays for Buck0 converter are 1 ms and 4 ms and for Buck1 converter 3 ms and 1 ms. The delay
settings are used only for enable or disable control with the EN signal.
ENx
Internal
BUCK0 enable
ENx
1 ms
3 ms
Internal
BUCK1 enable
1 ms
4 ms
3 ms
1 ms
1 ms
4 ms
Typical sequence
Sequence with short EN low and high periods
Startup cntr
Shutdown cntr
0
0
1
0
0
1
0
1
2
3
4
5
6
0
0
1
2
0
1
2
3
4
5
Internal
BUCK0 enable
Internal
BUCK1 enable
Figure 7-7. Start-up and Shutdown Sequencing Example
7.3.8 Window Watchdog
Figure 7-8 shows the LP87702 watchdog's operation (for an example, when the ENx pin is used for controlling
power sequence and ENx pin is active).
WDI is the watchdog function input pin, and WD_RESET is the reset output. The WDI pin needs pulsed
within a certain timing window to avoid a watchdog expiration. The minimum pulse width is 100 µs. The
watchdog expiration always causes a reset pulse at WD_RESET output, otherwise the device behavior after
watchdog expiration is programmable. WD_RESET output polarity and mode, push-pull or open drain, are also
programmable.
Watchdog default settings are read from OTP during device start-up. Default settings in WD_CTRL_1 and
WD_CTRL_2 register can be over-written through the I2C (as long as WD_LOCK bit is not set to 1). Writing
WD_LOCK = 1 in WD_CTRL_2 register locks watchdog settings until NRST input is driven low, power cycle or
register reset by SW_RESET.
Table 7-4 shows how the long open, close, and open window periods are independently programmable. The
watchdog enters the WD Reset state when the long open or open window expires before the WDI input is
received. Also, the watchdog enters the WD Reset when the WDI is received during close window. Long open
period can be extended by a I2C write to WD_CTRL_1 or WD_CTRL_2 register; the register access initializes
the long open counter and the long open period restarts (except in Stop mode).
LP87702 behavior after WD expiration is programmable:
• When WD_RESET_CNTR_SEL = 00, system restart is disabled and converters are maintained ON.
WD_RESET pin is active for 10 ms. Watchdog returns to Long Open mode.
• When WD_RESET_CNTR_SEL = 01 (restart after first reset pulse), LP87702 performs shutdown sequence
followed by start-up sequence so the converters are disabled and re-enabled according to the OTP
programmed sequences. The device reloads OTP defaults when WD_EN_OTP_READ = 1 during start-up.
Settings valid before shutdown are maintained when the WD_EN_OTP_READ = 0. WD_RESET output pin is
active for a period of (10 ms + maximum shutdown delay). Maximum shutdown delay can be selected as 7.5
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com