Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 39Page - Texas Instruments LP87702 Datasheet HTML 40Page - Texas Instruments LP87702 Datasheet HTML 41Page - Texas Instruments LP87702 Datasheet HTML 42Page - Texas Instruments LP87702 Datasheet HTML 43Page - Texas Instruments LP87702 Datasheet HTML 44Page - Texas Instruments LP87702 Datasheet HTML 45Page - Texas Instruments LP87702 Datasheet HTML 46Page - Texas Instruments LP87702 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
ACK from slave
START
MSB Chip Address LSB
SCL
ACK from slave
W
MSB Register Address LSB
RS
R
MSB
Data
LSB
STOP
ACK from slave
NACK from master
REPEATED START
Data from slave
SDA
START
id = 0x60
W ACK
address = 0x3F
ACK
RS
R ACK
address 0x3F data
NACK
STOP
MSB Chip Address LSB
id = 0x60
A WRITE function must precede the READ function as shown above when the READ function is accomplished.
Figure 7-19. Read Cycle (r = read; SDA = 1), id = Device Address = 60Hex for LP87702
7.5.1.4 I2C-Compatible Chip Address
The device address for the LP87702 is 0x60. After the START condition, the I2C master sends the 7-bit address
followed by an eighth bit, read or write (R/W). R/W = 0 indicates a WRITE and R/W = 1 indicates a READ. The
second byte following the device address selects the register address to which the data will be written. The third
byte contains the data for the selected register.
1
Bit 7
MSB
LSB
I
2C Slave Address (chip address)
1
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
R/W
Bit 0
A.
Here device address is 1100000Bin = 60Hex.
Figure 7-20. Device Address
7.5.1.5 Auto Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. The internal
address index counter increments by one and the next register will be written every time an 8-bit word is sent
to the LP87702. Table 7-8 below shows writing sequence to two consecutive registers. Note: the auto increment
feature does not work for read.
Table 7-8. Auto-Increment Example
MASTER
ACTION
START DEVICE
ADDRESS =
60H
WRITE
REGISTER
ADDRESS
DATA
DATA
STOP
LP87702
ACK
ACK
ACK
ACK
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com