Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 3 Page - Texas Instruments

  LP87702 Datasheet HTML 1Page - Texas Instruments LP87702 Datasheet HTML 2Page - Texas Instruments LP87702 Datasheet HTML 3Page - Texas Instruments LP87702 Datasheet HTML 4Page - Texas Instruments LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
5 Pin Configuration and Functions
9
10
11
12
13
14
2
3
4
5
6
1
7
20
19
18
17
23
21
22
29
28
27
25
32
31
30
GPO0
NRST
VIN_B1
VIN_B1
SW_B1
SW_B0
SW_B0
VIN_B0
VIN_B0
THERMAL PAD
8
16
SW_B1
24
26
15
PG0
VMON1
VMON2
PGND_BST
SW_BST
PG1 (GPO1)
Figure 5-1. RHB Package 32-Pin VQFN With Thermal Pad Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NUMBER
AGND
4
G
Ground
CLKIN
22
D/I/O
External clock input. Alternative function is general purpose digital output 2 (GPO2).
EN1
19
D/I
Programmable Enable 1 signal.
FB_B0
2
A
Output voltage feedback for Buck0.
FB_B1
3
A
Output voltage feedback for Buck1.
GPO0
12
D/O
General purpose digital output 0.
nINT
1
D/O
Open-drain interrupt output. Active LOW.
NRST
11
D/I
Reset signal for the device.
PG0
29
D/O
Programmable power-good indication signal.
PG1
32
D/O
Programmable power-good indication signal. Alternative function is general purpose digital output
1 (GPO1).
PGND_B0
23, 24
P/G
Power ground for Buck0.
PGND_B1
17, 18
P/G
Power Ground for Buck1.
PGND_BST
10
P/G
Power ground for boost.
SCL
20
D/I
Serial interface clock input for I2C access. Connect a pullup resistor. Alternative function is
programmable to the enable 2 signal.
SDA
21
D/I/O
Serial interface data input and output for I2C access. Connect a pullup resistor. Alternative
function is programmable to the enable 3 signal.
SW_B0
25, 26
P/O
Buck0 switch node.
SW_B1
15, 16
P/O
Buck1 switch node.
SW_BST
9
P/I
Boost input.
VANA
5
P
Supply voltage for analog and digital blocks. Must be connected to same node with VIN_Bx.
VMON1
30
A/I
Voltage monitoring input 1.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com