Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 57Page - Texas Instruments LP87702 Datasheet HTML 58Page - Texas Instruments LP87702 Datasheet HTML 59Page - Texas Instruments LP87702 Datasheet HTML 60Page - Texas Instruments LP87702 Datasheet HTML 61Page - Texas Instruments LP87702 Datasheet HTML 62Page - Texas Instruments LP87702 Datasheet HTML 63Page - Texas Instruments LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
Table 7-35. PG0_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
SEL_PG0_BOOST
R/W
0h
PG0 signal source control from Boost
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
1
SEL_PG0_BUCK1
R/W
0h
PG0 signal source control from Buck1
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
0
SEL_PG0_BUCK0
R/W
0h
PG0 signal source control from Buck0
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
7.6.1.1.26 PG0_FAULT Register (Offset = 19h) [reset = 0h]
PG0_FAULT is shown in Figure 7-44 and described in Table 7-36.
Return to Table 7-9.
Figure 7-44. PG0_FAULT Register
7
6
5
4
3
2
1
0
RESERVED
PG0_FAULT_T
WARN
PG0_FAULT_V
ANA
PG0_FAULT_V
MON2
PG0_FAULT_V
MON1
PG0_FAULT_B
OOST
PG0_FAULT_B
UCK1
PG0_FAULT_B
UCK0
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 7-36. PG0_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
6
PG0_FAULT_TWARN
R
0h
Source for PG0 inactive signal:
0 – TWARN has not set PG0 signal inactive.
1 – TWARN is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when TWARN
is valid.
5
PG0_FAULT_VANA
R
0h
Source for PG0 inactive signal:
0 – VANA has not set PG0 signal inactive.
1 –VANA is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when VANA
input is valid.
4
PG0_FAULT_VMON2
R
0h
Source for PG0 inactive signal:
0 – VMON2 has not set PG0 signal inactive.
1 – VMON2 is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when VMON2
input is valid.
3
PG0_FAULT_VMON1
R
0h
Source for PG0 inactive signal:
0 – VMON1 has not set PG0 signal inactive.
1 – VMON1 is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when VMON1
input is valid.
2
PG0_FAULT_BOOST
R
0h
Source for PG0 inactive signal:
0 – Boost has not set PG0 signal inactive.
1 – Boost is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when Boost
output is valid.
1
PG0_FAULT_BUCK1
R
0h
Source for PG0 inactive signal:
0 – Buck1 has not set PG0 signal inactive.
1 – Buck1 is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when Buck1
output is valid.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com