Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 20Page - Texas Instruments LP87702 Datasheet HTML 21Page - Texas Instruments LP87702 Datasheet HTML 22Page - Texas Instruments LP87702 Datasheet HTML 23Page - Texas Instruments LP87702 Datasheet HTML 24Page - Texas Instruments LP87702 Datasheet HTML 25Page - Texas Instruments LP87702 Datasheet HTML 26Page - Texas Instruments LP87702 Datasheet HTML 27Page - Texas Instruments LP87702 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
Time
Voltage
Ramp for Buck
BUCKx_CTRL2(BUCKx_SLEW_RATE[2:0])
BUCKx_VSET
INT_BUCK(BUCKx_PG_INT)
nINT
Host clears
interrupt
Powergood
interrupt
Powergood
BUCK_STATUS(BUCKx_STAT)
1
Powergood
BUCK_STATUS(BUCKx_PG_STAT)
Host clears
interrupt
Powergood
interrupt
1
0
1
0
1
0
1
0
1
0
BUCK_MASK(BUCKx_PGF_MASK)=0
BUCK_MASK(BUCKx_PGR_MASK)=0
Figure 7-6. Buck Output Voltage Change
7.3.7 Enable and Disable Sequences
The LP87702 device supports programmable start-up and shutdown sequencing. An enable control signal
is used to initiate the start-up sequence and to turn off the device according to the programmed shutdown
sequence. Up to three enable inputs are available: EN1 is a dedicated enable input; EN2 and EN3 are
multiplexed with I2C interface. The buck converter is selected for sequence control with:
• BUCKx_CTRL_1(BUCKx_EN) = 1
• BUCKx_CTRL_1(BUCKx_EN_PIN_CTRL) = 0x1 or 0x2 or 0x3, for EN1 or EN2 or EN3 control, respectively
• BUCKx_VOUT.(BUCKx_VSET[7:0]) = Required voltage when EN pin is high
• The delay from rising edge of EN pin to the converter enable is set by
BUCKx_DELAY(BUCKx_STARTUP_DELAY[3:0]) bits and
• The delay from falling edge of EN pin to the converter disable is set by
BUCKx_DELAY(BUCKx_SHUTDOWN_DELAY[3:0])
In the same way the boost converter is selected for delayed control with:
• BOOST_CTRL(BOOST_EN) = 1
• BOOST_CTRL(BOOST_EN_PIN_CTRL) = 0x1 or 0x2 or 0x3, for EN1. EN2, or EN3 control (respectively)
• BOOST_CTRL(BOOST_VSET[2:0]) = Required voltage when EN pin is high
• The delay from rising edge of EN pin to the converter enable is set by
BOOST_DELAY(BOOST_STARTUP_DELAY[3:0]) bits and
• The delay from falling edge of EN pin to the converter disable is set by
BOOST_DELAY(BOOST_SHUTDOWN_DELAY[3:0])
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com