Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 1 Page - Texas Instruments

  LP87702 Datasheet HTML 1Page - Texas Instruments LP87702 Datasheet HTML 2Page - Texas Instruments LP87702 Datasheet HTML 3Page - Texas Instruments LP87702 Datasheet HTML 4Page - Texas Instruments LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
1 Features
• FMEDA and Functional Safety Manual Available
to Support System-Level Functional Safety
Requirements up to SIL-2 (IEC 61508)
• Two High-Efficiency Step-Down DC/DC
converters:
– Maximum Output Current 3.5 A
– 2-MHz, 3-MHz, or 4-MHz Switching Frequency
– Auto PWM/PFM and Forced-PWM Operations
– Output Voltage = 0.7 V to 3.36 V
• 5-V 600 mA Boost Converter
• Two Inputs for External Voltage Monitoring
• Two Programmable Power-Good Signals
• Dedicated Reference Voltage for Diagnostics
• Window Watchdog with Reset Output
• External Clock Input to Synchronize Switching
• Spread-Spectrum Modulation
• Programmable Start-up and Shutdown Delays and
Sequencing with Enable Signal
• Configurable General Purpose Outputs (GPOs)
• I2C-Compatible Interface
• Interrupt Function with Programmable Masking
• Output Short-Circuit and Overload Protection
• Overtemperature Warning and Protection
• Overvoltage Protection (OVP) and Undervoltage
Lockout (UVLO)
2 Applications
• Building Automation:
– Automated Doors and Gates
– Motion Detector (PIR/Motion Sensor)
– Video Surveillance:
• Occupancy Detection (People Tracking,
People Counting)
• Factory Automation:
– Industrial Robot – Safety Area Scanner
– Autonomous Guided Vehicle (AGV)
– Level Transmitter – Sensing
• Industrial Transport:
– Traffic Enforcement
– Intersection Monitoring
– Road-Railway Sensors
– Intelligent Lighting Sensors
• Appliances:
– AC Control
– Appliances User Interface and Connectivity
Modules
3 Description
The LP87702 contains two step-down DC/DC
converters, and a 5-V boost converter to support
safety critical applications. The device integrates two
voltage monitoring inputs for external power supplies
and a window watchdog.
The automatic PWM/PFM (AUTO mode) operation
gives high efficiency over a wide output current range
for buck converters.
This device contains one-time-programmable (OTP)
memory. Each orderable part number has specific
OTP settings for a given application. Details of the
default OTP configuration for each orderable part
number is found in the technical reference manual.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP87702
VQFN (32)
5.00 mm × 5.00 mm
(1)
See the orderable addendum at the end of the data sheet for
all available packages.
Copyright © 2017, Texas Instruments Incorporated
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT0
LOAD
SDA (EN3)
SCL (EN2)
nINT
CLKIN (GPO2/WD_DIS)
GNDs
EN1
SW_B1
FB_B1
VOUT1
PG0
VMON1
VMON2
PG1 (GPO1)
WDI
WD_RESET
SW_BST
VOUT_BST
VOUT2
LOAD
LOAD
GPO0
NRST
Simplified Schematic
Output Current (mA)
1
10
100
1000
5000
50
60
70
80
90
100
Exce
VIN=3.3V, VOUT=1.2V
VIN=3.3V, VOUT=1.8V
VIN=3.3V, VOUT=2.3V
Buck Efficiency vs Output Current
LP87702
SNVSBU3 – MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP87702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87702 TI-LP87702 Datasheet
3Mb / 99P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
REVISED JUNE 2021
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1 Datasheet
2Mb / 99P
Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1 Datasheet
2Mb / 97P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1 Datasheet
3Mb / 101P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
More results

Similar Description - LP87702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
logo
Maxim Integrated Produc...
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
logo
STMicroelectronics
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
04-Mar-2009
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
Buck-Boost Converter
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_18 Datasheet
2Mb / 99P
Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_V01 Datasheet
2Mb / 97P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_V02 Datasheet
3Mb / 101P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI-LP87702-Q1_V03 Datasheet
3Mb / 99P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com