Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 82 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments LP87702 Datasheet HTML 85Page - Texas Instruments LP87702 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
8.2.4 Application Curves
Unless otherwise specified: VIN = 3.3 V, VOUT_BUCK = 1 V, VOUT_BOOST = 5 V, TA = 25°C, ƒSW-setting 4 MHz, L0 = L1 =
0.47 µH (TOKO DFE252012PD-R47M), L2 = 1 µH (TFM252012ALMA1R0), COUT_BUCK, CPOL_BUCK, and COUT_BOOST = 22
µF. Measurements are done using connections in Figure 8-1.
Output Current (A)
0.001
0.01
0.1
1
5
5
50
60
70
80
90
100
D001
Vin=3.3V, Vout=1.2V
Vin=3.3V, Vout=1.8V
Vin=5.0V, Vout=1.2V
Vin=5.0V, Vout=1.8V
.
Figure 8-3. Buck Efficiency in AUTO (PFM/PWM)
Mode
Output Current (A)
0.01
0.1
1
5
5
40
50
60
70
80
90
100
D002
Vout=1.0V, Vin=3.3V
Vout=1.2V, Vin=3.3V
Vout=1.8V, Vin=3.3V
VIN = 3.3 V
Figure 8-4. Buck Efficiency in Forced PWM Mode
Output Current (A)
0.01
0.1
1
5
5
40
50
60
70
80
90
100
D003
Vout=1.0V, Vin=5.0V
Vout=1.2V, Vin=5.0V
Vout=1.8V, Vin=5.0V
VIN = 5 V
Figure 8-5. Buck Efficiency in Forced PWM Mode
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D004
Vin=3.3V, FPWM
Vin=5.0V, FPWM
VOUT = 1 V
Figure 8-6. Buck Output Voltage vs Load Current in
Forced PWM Mode
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
82
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com