Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 41Page - STMicroelectronics L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics L9966 Datasheet HTML 47Page - STMicroelectronics L9966 Datasheet HTML 48Page - STMicroelectronics L9966 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
•
EU1 requires ADC1 to measure IO1 and IO2 in loop and INT_EU1_CONF=IO1
•
EU2 requires ADC1 to measure IO3 and IO4 in loop and INT_EU2_CONF=IO3
Both EUx are enabled through SYNC signal and both are in LOOP (the last command line points back to the first
one).
As SYNC pin rises, EU2 starts performing ADC1 conversion on IO3 while EU1 waits for the yield. At the end of
the conversion, EU1 gains priority and starts running with IO1. Once EU1 loop is completed, it loses priority for
one clock cycle, EU2 can take over, performing ADC1 conversion on IO4. The procedure runs up to EUx_EN is
forced 0.
Figure 23. Example of sequencer priority case
Every time the sequencer starts with an ADC conflict in the first line, EU2 takes the priority then the mechanism
proceeds as described in the above scenarios.
9.3
Interrupt generation
Every time an EUx/SC loop reaches an interrupt condition, a pulse on INT pin can be generated.
EU_x/SC interrupt on INT pin can be masked by writing corresponding CFG_EU[2:1]/CFG_SC to ‘1’ in the
SQNCR_INT_MSK_FLG.
As the interrupt is asserted, a flag is set on INT_EU[2:1]/INT_SC on the SQNCR_INT_MSK_FLG; such a flag is
not masked by CFG_EU[2:1]/CFG_SC and gets cleared after being read.
Interrupt condition
Provided that no interrupt mask is enabled, the conditions that can lead to the generation of the interrupt are the
following.
For EUx, there are two possible cases: open loop and closed loop condition. In open loop condition, EUx
completes the last step conversion then points to ENDLOOP determining the interrupt generation, as shown
in A next figure. In closed loop condition instead, INT generation depends on what is programmed in
INT_EUx_CONF[3:0] field of the SQNCR_INT_MSK_FLG register.
Note:
INT_EUx_CONF are write only fields, any read back returns 0000.
INT is generated every time EUx has processed the SQNCR_CMD_x line whose NEXT_PC points to the same
line selected in INT_EUx_CONF[3:0] field, as shown in B and C of the following figure.
Figure 24. Interrupt condition open/closed loop INT generation
GADG0901181543PS
INIT_PC_EU1 = 1
SQNCR_CMD_1 NXT_PC=2
SQNCR_CMD_2 NXT_PC=3
SQNCR_CMD_3 NXT_PC=4
SQNCR_CMD_4 NXT_PC=5
SQNCR_CMD_5 NXT_PC=6
SQNCR_CMD_6 NXT_PC=0
INT pin
INT_EU1
INIT_PC_EU1 = 1
INT_EU1_CONF = 3
INIT_PC_EU1 = 1
INT_EU1_CONF = 5
SQNCR_CMD_1 NXT_PC=2
SQNCR_CMD_2 NXT_PC=3
SQNCR_CMD_3 NXT_PC=4
SQNCR_CMD_4 NXT_PC=5
SQNCR_CMD_5 NXT_PC=6
SQNCR_CMD_6 NXT_PC=3
INT pin
INT_EU1
SQNCR_CMD_1 NXT_PC=2
SQNCR_CMD_2 NXT_PC=3
SQNCR_CMD_3 NXT_PC=4
SQNCR_CMD_4 NXT_PC=5
SQNCR_CMD_5 NXT_PC=6
SQNCR_CMD_6 NXT_PC=3
INT pin
INT_EU1
A
B
C
L9966
Interrupt generation
DS12459 - Rev 10
page 45/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com