Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 122 page
background image
There are 4 different input ranges for the ADC conversion of analog inputs and 3 for the digital inputs. The default
selection of the input full scale for the analog channels is 5 V, while for digital channels it is 1.25 V. Regardless of
the programmed full scale range on a channel, each time the ADC1 conversion is over, the full scale range of the
channel goes back to its default state.
Note:
An overshoot to VPRE occurs in case it is requested a voltage conversion with 20 V or 40 V full scale range on
IO configured as PullUp at 5V_REF or VVAR.
When converting on the digital inputs, the CTR[1:0] in the CURR_SRC_CTRL register have to be set to UTh2 or
UTh_ratio thresholds.
Every time the full scale range in the ADC voltage moves from the default value (5 V, div factor 4) to a
different one, a settling time (see Table 22) is automatically added to the configurable setting time (CT_AD[2:0] in
ADC_TIMING register) to allow the signal to reach a steady value.
ADC1 reference voltage is ratiometric with 5 V_REF voltage, so no absolute internal reference is used for ADC1
conversion. Digital out is Vin/Vfullrange represented over 12 bits.
Table 22 shows the contributors to the accuracy of the overall conversion, from input signal to digital readout. Two
parts are considered: the input voltage dividers, with their accuracy, and the ADC block, with its accuracy. To get
the overall accuracy of conversion, both these contributors must be taken into account.
In order to reach the best accuracy with the full range of 5 V, calibration has to be activated by setting CALIB_SEL
to ‘1’. Calibration feature is guaranteed in case calibration fault CALIB_FLT flag in GEN_STATUS register is not
set.
By default the calibration is disabled (CALIB_SEL = ‘0’): the status of the CALIB_FLT flag should be verified, then
the calibration eventually enabled or kept disabled accordingly.
Table 22. ADC1 parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
ADC1res
ADC resolution
-
-
12
-
bit
-
ADC1range_1_25
ADC input range
Full range: 1.25 V, buffer structure
0.03
-
1.23
V
IO 1-15
ADC1range_5
ADC input range
Full range: 5 V
0.05
-
4.95
V
IO 1-12
ADC1range_20
ADC input range
Full range: 20 V
0.45
95%FR=18.3+-3%
V
IO 1-4
95%FR=19.0+-3%
V
IO5-15
ADC1range_40
ADC input range
Full range: 40 V
0.8
95%FR=38.9+-3%
V
IO 1-15
ADC1err
ADC block error
With calibration Design info
(1LSB = 1.22 mV)
-
-
4
LSB
-
ADC1err_a_1_25
ADC1 total measurement
error on analog inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 1.25 V
(1LSB = 0.3 mV)
-
-
40
LSB IO 1-12
ADC1err_a_5
ADC1 total measurement
error on analog inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 5 V
(1LSB = 1.22 mV)
CALIB_FLT=0 and CALIB_SEL=1, with
ADC1tau_1_4_low selected
-
-
10
LSB IO 1-12
ADC1err_a_5_no_calib
ADC1 total measurement
error on analog inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 5 V
(1LSB = 1.22 mV)
CALIB_SEL=0
-
-
64
LSB IO 1-12
ADC1err_a_20
ADC1 total measurement
error on analog inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 20 V
(1LSB = 5 mV)
-
-
90
LSB IO 1-12
L9966
ADC1: voltage measurement
DS12459 - Rev 10
page 34/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com