Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 122 page
background image
8
ADC converter
Two sigma delta time continuous converters are implemented.
ADC1(VOLT) is a general purpose 1.25 V full scale, 12 bits ∑∆ converter used for input voltage measurement
while ADC2(RES) is a dedicated 15 bits ∑∆ converter used for resistance measurement function on the 12
FlexInput analog input pins.
It is possible to access to ADC resource in two different ways: in single conversion mode (SC) or through a
sequential approach (sequencer), which is equipped with 2 execution units (EU1, EU2).
A new conversion can be requested once the running conversion is completed. In case the condition is violated
the algorithm can be blocked and a reset (hardware or software) is required to re-engage the procedure.
Should either IOx settings or ADCx configuration change while conversion is running, the first result after the new
setting is unreliable: configuration registers are not locked.
ADC_TIMING register is used to configure settling time both for voltage and for resistance measurements. The
settling time step resolution is respectively 8 μs for voltage measurement and 200 μs for resistance measurement.
Resistance measurement settling time is selectable independently for each of the RRx reference pins.
Once a single conversion or a complete sequencer cycle ends, an interrupt pulse can be generated on INT pin (if
not masked). The behaviour of INT pin is defined in the register SQNCR_INT_MSK_FLG over the bit CFG_EU2,
CFG_EU1 and CFG_SC. Bits INT_EU2, INT_EU1, INT_SC indicate flag which unit generated the interrupt, also
in case the interrupt on INT pin is masked.
In order to avoid any noise injection on the internal nets that impacts the accuracy both for ADC1 and ADC2, no
ratiometric comparator has to be connected on the IOx where the ADCs measurement is on going. To be noted
that ratiometric comparator sweeps through all channels but it is effectively connected only to the IOx which have
been selected for UTh_ratio.
No problem instead if the absolute comparators are used (see Section 12 Voltage comparators).
In case CALIB_FLT=1 in GEN_STATUS register, it is recommended to disable the calibration, that means
configure CALIB_SEL=0 in the same register.
8.1
ADC1: voltage measurement
Purpose of this ADC is to achieve voltage measurement over all the 12 analog input pins, 3 ECU internal voltage
monitors (UBSW, VI5V, VIX), internal junction temperature, internal BandGap and 3 digital input pins.
The ADC circuitry implements an input time-continuous filtering structure intended to filter out HF noise and to
avoid aliasing effects, see Table 21.
Table 21. ADC analog constant time
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
ADC1tau_1_4_low ADC input analog filter constant time
SENTx_GTM_ROUTEx=0x0
and RSENTx=0
-45%
4.4
+45%
µs
IO1-4
ADC1tau_1_4_high ADC input analog filter Tau for SENT config
SENTx_GTM_ROUTEx≠0x0
or RSENTx≠0
-40.1%
1.235
+40.1%
µs
IO1-4
ADC1tau_5_12
ADC input analog filter constant time
-
-45%
4.20
+45%
µs
IO5-12
ADC1tau_13_15
ADC input analog filter constant time
-
-50%
8.4
+50%
µs
IO13-15
ADC1df
ADC input analog filter damping factor
-
-
20dB/dec
-
-
IO1-15
The FlexInput also implements different input voltage dividers to adapt the ADC to different input ranges. The
input impedance of the channel is strongly dependent on the selected full-scale.
L9966
ADC converter
DS12459 - Rev 10
page 33/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com