Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 13Page - STMicroelectronics L9966 Datasheet HTML 14Page - STMicroelectronics L9966 Datasheet HTML 15Page - STMicroelectronics L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
3V3_FLTl
3V3_FLT lower threshold
If internal 3V3 < 3V3_FLTl => 3V3_FLT = ‘1’; POR is not
activated
2.75
-
3.15
V
UBSW
RST_hi
RST input logic high voltage
1.5
-
1.7
V
RST
RST_lo
RST input logic low voltage
-
1.2
-
1.4
V
RST
RST_hys
RST input voltage hyst
-
200
-
315
mV
RST
RST_pu
RST pull up to VDD5V
-
65
100
140
kΩ
RST
RST_degl_filt RST deglitch filter
-
-20%
1
+20%
µs
RST
OT
Overtemperature
OT_FLT set, TRIM_FLT = 0
170
180
190
°C
-
OT_hys
Overtemperature hysteresis -
-
10
-
°C
-
OT_de
Overtemperature deglitch
Guaranteed by scan
-
100
-
µs
-
5.8
Polling operation: WAKE and SLEEP modes
SLEEP mode is enabled by sending 3 consecutive specific 32 bits SPI frames. The specific three SPI frames
are intended to avoid any unintentional SLEEP mode activation. Each frame needs a separate chip-select signal.
Once the SPI sequence has been sent, RST pin has to be driven low to enter SLEEP. In case the RST pin is
not driven low, the device stays in NORMAL mode and as soon as a new SPI command is received, the SPI
sequence previously sent to enter SLEEP mode is invalidated.
After the FlexInput has entered SLEEP mode, the ADC, SPI, VRS, pull up and pull down current generators and
sequencer are stopped. VDD5 is no longer necessary (0-5.5 V). In SLEEP mode the current sources are not
enabled, however they keep their configuration. The chip is supplied by UBSW (permanent supply).
The average current consumption in SLEEP / POLLING mode, ISLEEP-POLLING is defined in Table 8. Current
consumption.To save current consumption, current sources are pulsed in SLEEP / POLLING mode.
A pulsed current source is normally switched off, but it will be switched on for the time the chip reads the inputs.
Besides, the main oscillator is stopped and a second one takes over with reduced performances, in order to
guarantee the operation of the POLLING mechanism.
The pulse switch on depends on the configurable polling blanking time PB[1:0] in WAK_CONFIG register. Default
value is 160 µs.
The digital level of all 15 inputs is read (polled) every (m+1)*8 ms, where m is selected in PT[1:0] in
WAK_CONFIG register. WAK_MSK register defines which IOx are selected as WAKE SOURCES.
With respect to the IOx selected in WAK_MSK register, only the channels having CIS[3:0]=”0000”, MODE=”1”,
PullUp/PullDown configuration SEL = “001”(PullUp to battery/HiZ) or SEL = “100”(PullDown/HiZ) will act as WAKE
SOURCES; all the other IO configured through a different SEL selection will be ignored.
During polling, IOx defined as WAKE SOURCES are checked against the value they had before entering SLEEP
mode. These values have been stored in SLEEP_CONFIG register.
The check lasts for a PB time. At the end of PB time, if no WAKE SOURCE has changed its value, the chip goes
back to SLEEP mode. Otherwise, if at least one WAKE SOURCE has changed its value, this starts the verification
that the new status lasts for a longer PT time.
During PT time, the WAKE SOURCES can be as in one of the three below scenarios.
Scenario 1
Once the new status is detected, the WAKE SOURCES return at their PRE_SLEEP value before PB+PT time
elapses.
The IC returns back in SLEEP mode as shown in Figure 8;
IC only moves in INIT once RST pin is released (no wake pin assertion)
L9966
Polling operation: WAKE and SLEEP modes
DS12459 - Rev 10
page 17/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com