Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 52Page - STMicroelectronics L9966 Datasheet HTML 53Page - STMicroelectronics L9966 Datasheet HTML 54Page - STMicroelectronics L9966 Datasheet HTML 55Page - STMicroelectronics L9966 Datasheet HTML 56Page - STMicroelectronics L9966 Datasheet HTML 57Page - STMicroelectronics L9966 Datasheet HTML 58Page - STMicroelectronics L9966 Datasheet HTML 59Page - STMicroelectronics L9966 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
In the 16-bit instruction a “start” register address is present. As long as the CS signal keeps low and the SCLK is
running, 16-bit data is either sampled on MOSI line (write access) or shifted out on MISO line (read access). The
next register gets selected automatically after each 16 clock cycles on SCLK. In case of write access after each
complete 16 SCLK cycles the data is written into the register, no input buffer present.
A correct SCLK cycles number check is done after CS rising: the SCLK count must be a multiple of 16*(m+1)
where m is the number of frames transferred during the burst mode. During burst, each valid 16-bit word is
considered as data and latched inside the addressed register: eventually, if the last bits sent on SPI bus don't
belong to a packet of 16 bits, these are discarded, see Figure 30. Burst mode error handling. In case of a parity
error within one of the 16 SCLK transmissions, the following part of the burst will be completely rejected, including
the wrong frame. These two errors (too many bits or parity errors) set the TRANS_F bit at the next SPI transfer.
Figure 30. Burst mode error handling
CS
SI
SO
16 bit instruction
16 bit data
Check Byte
zz + 14 bit
previous register
content
too less data
previous register
content
…..
…..
store data
store data
reject data
check correct number
of SCLK cycles (16+m*16)
CLK
SPI parity error in a frame inside the burst
SPI invalid address in a frame inside the burst
CS_N
MISO
MOSI
VR_EN
PARITY_OK
a
c
data
d
n
m
data
g
e
q
p
f
data
l
instruction
CLK
CS_N
MISO
RD_EN
MOSI
ACCESS ADDRESS
a
c
data
d
m
t
data
g
q
p
f
data
l
instruction
check byte
address + 0
address + 1 (not present)
check byte
data @address
address + 2
data @address + 2
0xFFFF
write operation
parity check fall - write operation cancelled
write operation cancelled
fetch register at address +2
write operation cancelled
fetch register at address +0
GADG1001181525PS
When the instruction is initialized with an invalid address, the whole SPI access is invalidated and TRANS_F flag
bit is set at the next SPI transfer.
As it is shown in the picture, it is allowed to perform a SPI burst operation with incremental address going through
an invalid address. Operation on not existing register is discarded.
Note:
When burst mode is not active (SPI CLK_MON=1), a write SPI access composed by 16 bit valid instruction
word + 16*(1+2k) valid data word (k > 0) does not flag TRANS_F bit. The frame is recognized as valid and a
command composed by the first 16 instruction bit + the last 16 data bit is issued.
L9966
Burst mode
DS12459 - Rev 10
page 56/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com