Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 67Page - STMicroelectronics L9966 Datasheet HTML 68Page - STMicroelectronics L9966 Datasheet HTML 69Page - STMicroelectronics L9966 Datasheet HTML 70Page - STMicroelectronics L9966 Datasheet HTML 71Page - STMicroelectronics L9966 Datasheet HTML 72Page - STMicroelectronics L9966 Datasheet HTML 73Page - STMicroelectronics L9966 Datasheet HTML 74Page - STMicroelectronics L9966 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
The interface handles signals coming from magnetic pick-up sensors, see Figure 40. Variable reluctance sensor
(VRS), or Hall Effect sensors with two possible configurations, as per Figure 41. Hall effect sensor configuration 1
and Figure 42. Hall effect sensor configuration 2.
The interface feeds the digital signal to microcontroller that extracts flying wheel rotational position, angular speed
and acceleration.
Figure 40. Variable reluctance sensor (VRS)
VRSP
VRSN
To µC
470 pF
10 kΩ
470 pF
10 kΩ
Ls
Rs
VRS
VRS +
VRS -
Sensor
OUT_VRS
ECU
SMART
VRS
L9966
ω
GADG1501181110PS
L9966
Application circuit
DS12459 - Rev 10
page 71/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com