Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics L9966 Datasheet HTML 64Page - STMicroelectronics L9966 Datasheet HTML 65Page - STMicroelectronics L9966 Datasheet HTML 66Page - STMicroelectronics L9966 Datasheet HTML 67Page - STMicroelectronics L9966 Datasheet HTML 68Page - STMicroelectronics L9966 Datasheet HTML 69Page - STMicroelectronics L9966 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
Table 48. VRS_A hysteresis value
Hysteresis current [HI]
Value
Unit
Correspondent value on
20 kΩ ext. resistor
Unit
Min
Typ
Max
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
HI1
4.5
6
7.5
µA
120
mV
HI2
9.5
11.5
13.5
µA
230
mV
HI3
16.5
20
23.5
µA
400
mV
HI4
42
52.5
63
µA
1050
mV
HI5
64
80
97
µA
1600
mV
No Hyst
-
-
-
-
-
-
15.2.3
VRS_A – Fully adaptive hysteresis
To set the adaptive hysteresis on VRS_A configuration, bit VRS_CONF_MODE[0] has to be set to ‘1’. In this
configuration, VRS input differential signal is fed into a peak detector circuit and then quantized on 5 different
voltage levels, based on 4 PVi thresholds (see Table 49. Peak voltage value ranges). Default hysteresis current
after exiting reset is HI3.
Table 49. Peak voltage value ranges
Peak Voltage [PVi]
Min
Typ
Max
Unit
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
PV1
650
900
1100
mV
PV2
1200
1500
1650
mV
PV3
1800
2100
2350
mV
PV4
2450
2800
3050
mV
The quantized output is sent to a logic block (Hysteresis Selection Table) that chooses the proper hysteresis
value (HIi) depending on the input peak voltage (PVi), see Table 50. Peak voltage range correspondence with
hysteresis selection.
Table 50. Peak voltage range correspondence with hysteresis selection
Input Peak Voltage Range
Selected Hysteresis (HIi)
0 - PV1
HI1
PV1 – PV2
HI2
PV2 – PV3
HI3
PV3 – PV4
HI4
> PV4
HI5
Peak detector and Hysteresis Selection Table circuits are enabled by VRS_OUT signal according to
VRS_HYST_FB bit value in the VRS SPI register that establishes if the feedback signal is before or after the
filter time.
VRS input differential voltage is continuously acquired: its max value, reached while VRS_OUT signal is high
(hysteresis current off), is latched through the peak detector. Peak detector, in turn, defines the hysteresis current
value. Hysteresis current is turned on as soon as the VRS_OUT falls to zero and it is switched OFF at next
VRS_OUT rising edge.
Based on the hysteresis current, the signal is processed by a square circuit which processes the output signal of
the comparator, see Figure 35. VRS_A fully adaptive hysteresis.
L9966
VRS - Normal mode
DS12459 - Rev 10
page 66/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com