Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 79Page - STMicroelectronics L9966 Datasheet HTML 80Page - STMicroelectronics L9966 Datasheet HTML 81Page - STMicroelectronics L9966 Datasheet HTML 82Page - STMicroelectronics L9966 Datasheet HTML 83Page - STMicroelectronics L9966 Datasheet HTML 84Page - STMicroelectronics L9966 Datasheet HTML 85Page - STMicroelectronics L9966 Datasheet HTML 86Page - STMicroelectronics L9966 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
Range
Field name/description
Reset Value Reset Event
[5:4]
CV_DW: Current source value during dewetting phase
00: 5 mA
01: 10 mA
10: 20 mA
11: current source value as from CV[2:0]
11
PORn
RSTn
[3:1]
SEL[2:0]: Pull-up/pull-down selection (CS=Control Signal)
When LSF_MDx(x=9:12) = ‘1’
111: PullUpVVAR (CS=1) - PullUp 5V_REF (CS=0) -
when LSF_MDx(x=9:12) = ‘0’
000: HighZ (CS=1) - HighZ (CS=0)
001: PullUPVPRE (CS=1) - HighZ (CS=0)
010: PullUp 5V_REF (CS=1) - HighZ (CS=0)
011: PullUpVVAR (CS=1) - HighZ (CS=0)
100: PullDown (CS=1) - HighZ (CS=0)
101: PullUPVPRE (CS=1) - PullDown (CS=0)
110: PullUp 5V_REF (CS=1) - PullDown (CS=0)
111: PullUpVVAR (CS=1) - PullDown (CS=0)
IO[15:13] PU only to VPRE; VVAR or 5V_REF automatically redirected to VPRE
000
PORn
RSTn
[0]
MODE
Invert control channel polarity to obtain CONTROL SIGNAL
0: not inverted
1: inverted
0
PORn
RSTn
L9966
CURR_SRC_CTRL_[9:12]
DS12459 - Rev 10
page 83/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com