Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics L9966 Datasheet HTML 47Page - STMicroelectronics L9966 Datasheet HTML 48Page - STMicroelectronics L9966 Datasheet HTML 49Page - STMicroelectronics L9966 Datasheet HTML 50Page - STMicroelectronics L9966 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
10
SENT Interface
FlexInput implements 4 channels to filter SENT signals and provides them to an external decoder through
SENTx_GTMx x=1:4 output pins. The output buffers are push-pull. IO[4:1] inputs are configured as analog input
at the power-up. SENTx_GTMx are configured either as SENT or GTM via the SWITCH_ROUTE register. At
power up IO15 is routed on SENT4_GTM4 in GTM mode, while the other SENTx_GTMx outputs are kept in HiZ.
When a whatever pin of IO[4:1] is configured as SENT through SWITCH_ROUTE register, the corresponding
SENTx_GTMx buffer is automatically programmed in SENT mode and an eventual previous configuration as GTM
is overwritten.
This function includes a 2-stage filter and the possibility to connect a pull-up input structure.
Externally a matching impedance net is required as reported in Figure 25 and Table 28. The SENT input and filter
circuitry fulfil SAE J2716 Rev. 4 standard requirements.
To fulfil SAE J2716 input stage of each IOx x=1:4 is equipped with an internal resistor (RPU) of 20kohm
connected to VDD5. The RPU can be independently connected to the IOx via SPI command, through 20kPU_x,
x=1:4 bit in GTM_TO_SENT_ROUTE_x_y register.
In case 20kPU_x bit is set, the IOx configuration defined in CURR_SRC_CTRL_x, x=1:4 is reset to the default
value: CV[2:0]=000, CV_DW[1:0]=00, SEL[2:0]=000. MODE=0 and CIS[3:0]=0000. The correspondent IO is
consequently tight to VDD5 through the internal 20kohm; the current flowing through the IO depends on the
external load.
In this configuration, current through the IO is limited both in case of short to ground or short to UBSW.
The modification on 20kPU_x bit set, from ‘1’ to ‘0’, determines the reset at default value of any previous
configuration in CURR_SRC_CTRL_x related to the IOx whose 20kPU_x bit was reset.
Digital sampling may be disabled by reg GTM_TO_SENT_ROUTE_1_2 bit[10:11] and
GTM_TO_SENT_ROUTE_3_4 bit[10:11]. In this way no digital sampling will effect output signal.
Figure 25. SENT input structure
GADG1001180813PS
Table 28. SENT interface electrical parameters
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
Stage1tau
First stage time constant
-
0.74
-
1.73
µs
IO1-4
Stage2tau
Second stage time constant
-
0.6
-
1.4
µs
IO1-4
VoL
Output low voltage
Iload = |2 mA|
-
-
0.5
V
SENT1-4
VoH
Output high voltage
Iload = |2 mA|
VDD5-0.5
-
-
V
SENT1-4
tSENT-rise
Output rise time (100 pF load)
From 20% to 80%, design
info
9
-
40
ns
SENT1-4
tSENT-fall
Output fall time (100 pF load)
From 80% to 20% design info
16
-
30
ns
SENT1-4
tdist
Distorsion time
Difference between delay (IO
→SENTx) in the rising and
falling edge with fast analog
filter
-
-
2.95
µs
SENT1-4
L9966
SENT Interface
DS12459 - Rev 10
page 47/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com