Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics L9966 Datasheet HTML 47Page - STMicroelectronics L9966 Datasheet HTML 48Page - STMicroelectronics L9966 Datasheet HTML 49Page - STMicroelectronics L9966 Datasheet HTML 50Page - STMicroelectronics L9966 Datasheet HTML 51Page - STMicroelectronics L9966 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
jitter HL
Jitter between two consecutive HL
SENT_OUT transitions
-
-
-
210
ns
SENT1-4
jitter LH (1)
Jitter between two consecutive LH
SENT_OUT transitions
-
-
-
210
ns
SENT1-4
RPU
Pull up resistor in SENT mode
10
20
55
kΩ
IO1-4
OPEN_LOAD_drop vs VDD5
VDD5-V(IOx) in OPEN LOAD, SENT
mode
0
0.1
0.5
V
IO1-4
1. For 3μs nominal clock tick including clock accuracy. For higher clock tick times these values can be
increased proportionally
In case one of IO[4:1] is programmed as SENT, the analog input filter time is automatically changed to
ADC1tau_1_4_high reported in Table 21. ADC analog constant time.
L9966
SENT Interface
DS12459 - Rev 10
page 48/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com