Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
For the IOx configured with dewetting enabled, every time the IC moves from SLEEP to NORMAL an automatic
dewetting is performed.
6.1
Pull-down current programming
Pull down current generators are implemented as controlled current generator with back to back diode to avoid
damaging when the FlexInput input is being brought below ground.
Pull Down current values are reported in Table 10.
IOx saturation voltages are reported in Table 11.
Table 10. Pull Down Current
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
Ipd_7
Pull down current
Current source code [CV2,CV1,CV0]=111
16
20
24
mA
IO1-15
Ipd_6
Pull down current
Current source code [CV2,CV1,CV0]=110
8
10
12
mA
IO1-15
Ipd_5
Pull down current
Current source code [CV2,CV1,CV0]=101
4
5
6
mA
IO1-15
Ipd_4
Pull down current
Current source code [CV2,CV1,CV0]=100
0.8
1
1.2
mA
IO1-15
Ipd_3
Pull down current
Current source code [CV2,CV1,CV0]=011
390
500
610
µA
IO1-15
Ipd_2
Pull down current
Current source code [CV2,CV1,CV0]=010
71
100
120
µA
IO1-4
Ipd_2
Pull down current
Current source code [CV2,CV1,CV0]=010
80
100
120
µA
IO5-15
Ipd_1
Pull down current
Current source code [CV2,CV1,CV0]=001
14
20
26
µA
IO1-15
Ipd_0
Pull down current
Current source code [CV2,CV1,CV0]=000
480
600
720
µA
IO1-15
Table 11. Saturation voltages
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VPDsat5-15(1) Pull down saturation range
Pull down current not guaranteed if voltage on IO is below
VPDsat
-
-
200
mV IO5-15
VPDsat1-4(1) Pull down saturation range
Pull down current not guaranteed if voltage on IO is below
VPDsat
-
-
200(2) mV
IO1-4
VPDsat5-15
Pull down saturation range
Output current is guaranteed to be at least 10% of the
nominal value (e.g. > 1.6mA for Ipd_7)
200
-
700
mV IO5-15
VPDsat1-4
Pull down saturation range
Output current is guaranteed to be at least 10% of the
nominal value (e.g. > 1.6mA for Ipd_7)
200 (2)
-
800
mV
IO1-4
VPDsat1-4
Pull down saturation range Output current is guaranteed to be within nominal range
800
-
-
mV
IO1-4
VPDsat5-15
Pull down saturation range Output current is guaranteed to be within nominal range
700
-
-
mV IO5-15
IPDlkg
Output leakage current
Input voltage: 0V to VPRE
-
-
200
nA
IO1-15
DELTA_Ipd_x Delta Output current
V(IO)>VPRE, x = 0..4
-
-
+1
mA
IO1-4
V(IO)>VPRE, x = 5,6
-
-
+3
mA
IO1-4
V(IO)>VPRE, x = 7
-
-
+8
mA
IO1-4
DELTA_Ipd_x Delta Output current
V(IO)>VPRE, x = 0..4
-
-
+0.5
mA IO5-15
V(IO)>VPRE, x = 5
-
-
+1.5
mA IO5-15
V(IO)>VPRE, x = 6
-
-
+1.5
mA IO5-15
V(IO)>VPRE, x = 7
-
-
+2
mA IO5-15
L9966
Pull-down current programming
DS12459 - Rev 10
page 22/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com