Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics L9966 Datasheet HTML 41Page - STMicroelectronics L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics L9966 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
Figure 20. SYNC controlled sequencer example
GADG0801181212PS
The input voltage on SYNC is evaluated with a comparator, see Table 26. The digital signal after the comparator
is filtered for time duration tSYNC-glitch before triggering the sequencer. The trigger event is a rising edge on filtered
SYNC pulse.
Table 26. SYNC pin parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VinH
SYNC input high level
-
-
1.7
2.3
V
SYNC
VinL
SYNC input low level
-
1.2
1.4
-
V
SYNC
Vhys
SYNC input hysteresis
-
0.23
-
0.6
V
SYNC
tSYNC-glitch
SYNC input filter time
-
4.2
4.7
5.2
µs
SYNC
RPD
SYNC input pull-down
-
60
105
150
kΩ
SYNC
9.2.3
Priority mechanism
The two EUx work in parallel with shared resources (ADC resistance and ADC voltage). The EU has access to
the selected ADC as soon as it is no more engaged by the other EU or the SC. In case more than one EU has a
request to the same ADC, the ADC manager applies the following priority rules:
•
Priority HIGH: Single Conversion Module
•
Priority MEDIUM: Execution Unit 1
•
Priority LOW: Execution Unit 2
In case of continuous loop programmed, EU1 loses its priority for one clock cycle every time its sequence is
completed (that means INT is generated, see Section 9.3 Interrupt generation) and Figure 21 INT_EU1 in
SQNCR_INT_MSK_FLG is set leaving to EU2 the opportunity to proceed with an eventual pending request on
ADC_x.
Table 27 and Figure 21 report an example of ADC priority management in case of conflict in the access to one
ADCx through the sequencer flow:
EU1 performs CH1, CH2 CH3, CH4 voltage conversion, then points back to CH1 and generates the interrupt.
EU2 performs resistance measurement on CH11, CH12, voltage measurement on VI5V, VIX then points back to
CH11 and generates the interrupt.
SC voltage measurement on CH5 occurs while EU1 is running.
At cursor 1, EU1 completes the sequence and thus loses priority for one clock cycle. In that moment, neither EU2
nor SC are requesting ADC1, then EU1 restarts the sequence with CH1 conversion right after.
At cursor 2, EU2 has already completed ADC2 conversions on CH11 and CH12 and has a pending request
for ADC1. As soon as EU1 ends the sequence, EU2 can take over, performing ADC1 conversion on VI5V. At
conversion end, EU1 regains priority and restarts with CH1.
L9966
Sequencer
DS12459 - Rev 10
page 43/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com